Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 76 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 76 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 72Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 73Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 74Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 75Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 76Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 77Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 78Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 79Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 131 page
background image
76
ADC32RF45
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.3.3 Register 039h (address = 039h), Master Page
Figure 134. Register 039h
7
6
5
4
3
2
1
0
0
ALWAYS
WRITE 1
0
ALWAYS
WRITE 1
0
0
PDN CHB EN
SYNC TERM DIS
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 41. Register 039h Field Descriptions
Bit
Field
Type
Reset
Description
7
0
W
0h
Must write 0
6
ALWAYS WRITE 1
W
0h
Always set this bit to 1
5
0
W
0h
Must write 0
4
ALWAYS WRITE 1
W
0h
Always set this bit to 1
3-2
0
W
0h
Must write 0
1
PDN CHB EN
R/W
0h
This bit enables the power-down control of channel B through
the SPI in register 20h.
0 = PDN control disabled
1 = PDN control enabled
0
SYNC TERM DIS
R/W
0h
This bit disables the on-chip, 100-Ω termination resistors on the
SYNCB input.
0 = On-chip, 100-Ω termination enabled
1 = On-chip, 100-Ω termination disabled
8.5.3.4 Register 03Ch (address = 03Ch), Master Page
Figure 135. Register 03Ch
7
6
5
4
3
2
1
0
0
SYSREF DEL EN
0
0
0
0
SYSREF DEL[4:3]
W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 42. Register 03Ch Field Descriptions
Bit
Field
Type
Reset
Description
7
0
W
0h
Must write 0
6
SYSREF DEL EN
R/W
0h
This bit allows an internal delay to be added to the SYSREF
input.
0 = SYSREF delay disabled
1 = SYSREF delay enabled through register settings [3Ch (bits
1-0), 5Ah (bits 7-5)]
5-2
0
W
0h
Must write 0
1-0
SYSREF DEL[4:3]
R/W
0h
When the SYSREF delay feature is enabled (3Ch, bit 6) the
delay can be adjusted in 25-ps steps; the first step is 175 ps.
The PVT variation of each 25-ps step is ±10 ps. The 175-ps step
is ±50 ps; see Table 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com