Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 90 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 90 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 86Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 87Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 88Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 89Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 90Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 91Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 92Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 93Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 131 page
background image
90
ADC32RF45
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.11.8 Register 017h (address = 017h), JESD Digital Page
Figure 158. Register 017h
7
6
5
4
3
2
1
0
0
0
0
0
Lane0
POL
Lane1
POL
Lane2
POL
Lane3
POL
W-0h
R/W-0h
R/W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 67. Register 017h Field Descriptions
Bit
Field
Type
Reset
Description
7
0
W
0h
Must write 0
6-4
0
R/W
0h
Must write 0
3-0
Lane[3:0] POL
W
0h
These bits set the polarity of the individual JESD output lanes.
0 = Polarity as given in the pinout (noninverted)
1 = Inverts polarity (positive, P, or negative, M)
8.5.11.9 Register 032h-035h (address = 032h-035h), JESD Digital Page
Figure 159. Register 032h
7
6
5
4
3
2
1
0
SEL EMP LANE 0
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Figure 160. Register 033h
7
6
5
4
3
2
1
0
SEL EMP LANE 1
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Figure 161. Register 034h
7
6
5
4
3
2
1
0
SEL EMP LANE 2
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Figure 162. Register 035h
7
6
5
4
3
2
1
0
SEL EMP LANE 3
0
0
R/W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com