Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 43 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 43 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 39Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 40Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 41Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 42Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 43Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 44Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 45Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 46Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
Peak over 8
Samples
fS
Output
of ADC
Block:
Peak over N
Samples (S`)
S`
fS / 8
fS / (8N)
BLKPKDET
N = [1..2
16]
>THHigh
>THLow
Hysteresis
and DWELL
>TLHigh
>TLLow
Hysteresis
and DWELL
BLKPKDETH
BLKPKDETL
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
DWELL
43
ADC32RF45
www.ti.com
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.7 Eye Diagrams
Figure 103 and Figure 104 show the serial output eye diagrams of the ADC32RF45 at 5.0 Gbps and 12 Gbps
against the JESD204B mask.
Figure 103. Data Eye at 5 Gbps
Figure 104. Data Eye at 12 Gbps
8.3.8 Alarm Outputs: Power Detectors for AGC Support
The GPIO pins can be configured as alarm outputs for channels A and B. The ADC32RF45 supports three
different power detectors (an absolute peak power detector, crossing detector, and RMS power detector) as well
as fast overrange from the ADC. The power detectors operate off the full-rate ADC output prior to the decimation
filters.
8.3.8.1 Absolute Peak Power Detector
In this detector mode, the peak is computed over eight samples of the ADC output. Next, the peak for a block of
N samples (N × S`) is computed over a programmable block length and then compared against a threshold to
either set or reset the peak detector output (Figure 105 and Figure 106). There are two sets of thresholds and
each set has two thresholds for hysteresis. The programmable DWELL-time counter is used for clearing the
block detector alarm output.
Figure 105. Peak Power Detector Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com