Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 8Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 9Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 10Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 11Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 12Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 13Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 14Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 15Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 131 page
background image
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D005
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D006
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D003
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D004
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D001
Input Frequency (MHz)
0
300
600
900
1200
1500
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D002
12
ADC32RF45
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Typical Characteristics
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 3 GHz, 50% clock duty cycle, AVDD19 = 1.9 V, AVDD =
1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
SNR = 62.3 dBFS; SFDR = 67 dBc;
HD2 = –70 dBc; HD3 = –67 dBc; non HD2, HD3 = 76 dBc;
IL spur = 82.5 dBc; fIN = 100 MHz
Figure 3. FFT for 100-MHz Input Frequency
SNR = 61.4 dBFS; SFDR = 72 dBc;
HD2 = –72 dBc; HD3 = –73 dBc; non HD2, HD3 = 84 dBc;
IL spur = 79 dBc; fIN = 900 MHz
Figure 4. FFT for 900-MHz Input Frequency
SNR = 58.9 dBFS; SFDR = 67 dBc;
HD2 = –68 dBc; HD3 = –67 dBc; non HD2, HD3 = 82 dBc;
IL spur = 80 dBc; fIN = 1780 MHz
Figure 5. FFT for 1780-MHz Input Frequency
SNR = 57.8 dBFS; SFDR = 70 dBc;
HD2 = –72 dBc; HD3 = –89 dBc; non HD2, HD3 = 70 dBc;
IL spur = 75 dBc; fIN = 2100 MHz
Figure 6. FFT for 2100-MHz Input Frequency
SNR = 56.8 dBFS; SFDR = 61 dBc;
HD2 = –61 dBc; HD3 = –71 dBc; non HD2, HD3 = 71 dBc;
IL spur = 66 dBc; fIN = 2600 MHz
Figure 7. FFT for 2600-MHz Input Frequency
SNR = 53.4 dBFS; SFDR = 56 dBc;
HD2 = –56 dBc; HD3 = –64 dBc; non HD2, HD3 = 67 dBc;
IL spur = 75 dBc; fIN = 3500 MHz, AOUT = –3 dBFS with 2-dB gain
Figure 8. FFT for 3500-MHz Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com