Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 91 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 91 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 87Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 88Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 89Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 90Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 91Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 92Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 93Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 94Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 131 page
background image
91
ADC32RF45
www.ti.com
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 68. Register 032h-035h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
SEL EMP LANE
R/W
0h
These bits select the amount of de-emphasis for the JESD
output transmitter. The de-emphasis value in dB is measured as
the ratio between the peak value after the signal transition to the
settled value of the voltage in one bit period.
0 = 0 dB
1 = –1 dB
3 = –2 dB
7 = –4.1 dB
15 = –6.2 dB
31 = –8.2 dB
63 = –11.5 dB
1-0
0
W
0h
Must write 0
8.5.11.10 Register 036h (address = 036h), JESD Digital Page
Figure 163. Register 036h
7
6
5
4
3
2
1
0
0
CMOS SYNCB
0
0
0
0
0
0
W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 69. Register 036h Field Descriptions
Bit
Field
Type
Reset
Description
7
0
W
0h
Must write 0
6
CMOS SYNCB
R/W
0h
This bit enables single-ended control of SYNCB using the
GPIO4 pin (pin 63). The differential SYNCB input is ignored.
0 = Differential SYNCB input
1 = Single-ended SYNCB input using pin 63
5-0
0
W
0h
Must write 0
8.5.11.11 Register 037h (address = 037h), JESD Digital Page
Figure 164. Register 037h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
PLL MODE
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 70. Register 037h Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0
1-0
PLL MODE
R/W
0h
These bits select the PLL multiplication factor; see the JESD
tables in the JESD204B Frame Assembly section for settings.
00 = 20X mode
01 = 16X mode
10 = 40x mode (the 40x MODE bit in register 16h must also be
set)
11 = 80x mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com