Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 71 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 71 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 67Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 68Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 69Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 70Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 71Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 72Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 73Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 74Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 131 page
background image
71
ADC32RF45
www.ti.com
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.1 Example Register Writes
This section provides three different example register writes. Table 29 describes a global power-down register
write, Table 30 describes the register writes when the scrambler is enabled, and Table 31 describes the register
writes for 8X decimation for channels A and B (complex output, 1 DDC mode) with the NCO set to 1.8 GHz (fS =
3 GSPS) and the JESD format configured to LMFS = 4421.
Table 29. Global Power-Down
ADDRESS
DATA
COMMENT
12h
04h
Set the master page
20h
01h
Set the global power-down
Table 30. Scrambler Enable
ADDRESS
DATA
COMMENT
4004h
69h
Select the digital JESD page
4003h
00h
6006h
80h
Scrambler enable, channel A
7006h
80h
Scrambler enable, channel B
Table 31. 8X Decimation for Channel A and B
ADDRESS
DATA
COMMENT
4004h
68h
Select the main digital page for channel A
4003h
00h
6000h
01h
Issue a digital reset for channel A
6000h
00h
Clear the digital for reset channel A
4003h
01h
Select the main digital page for channel B
6000h
01h
Issue a digital reset for channel B
6000h
00h
Clear the digital reset for channel B
4004h
69h
Select the digital JESD page
4003h
00h
6002h
01h
Set JESD MODE0 = 1, channel A
7002h
01h
Set JESD MODE0 = 1, channel B
5000h
01h
Enable the DDC, channel A
5001h
02h
Set decimation to 8X complex
5007h
9Ah
Set the LSB of DDC0, NCO1 to 9Ah (fNCO = 1.8 GHz, fS = 3 GSPS)
5008h
99h
Set the MSB of DDC0, NCO1 to 99h (fNCO = 1.8 GHz, fS = 3 GSPS)
5014h
01h
Enable the 6-dB digital gain of DDC0
5801h
02h
Set decimation to 8X complex
5807h
9Ah
Set the LSB of DDC0, NCO1 to 9Ah (fNCO = 1.8 GHz, fS = 3 GSPS)
5808h
99h
Set the MSB of DDC0, NCO1 to 99h (fNCO = 1.8 GHz, fS = 3 GSPS)
5814h
01h
Enable the 6-dB digital gain of DDC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com