Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 62 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 58Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 59Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 60Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 61Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 62Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 63Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 64Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 65Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 131 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address [11:0]
Register Data [7:0]
SDIN
SCLK
SEN
RESET
A11
A10
A9
A8
A7
A6
M
P
CH
0
1
1
0
62
ADC32RF45
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
3. Writing into the desired register by setting both the M bit and P bit to 1. Write register content. When a page
is selected, multiple writes into the same page can be done. Addressing in an SPI cycle begins with 6xxx
when selecting a page from the digital bank because the M bit must be set to 1, as shown in Figure 120.
Note that the JESD digital page is common for both channels. The CH bit can be used to distinguish
between two channels when programming registers in the JESD digital page. When CH = 0, registers are
programmed for channel B; when CH = 1, registers are programmed for channel A. Thus, an SPI cycle to
program registers for channel B begins with 6xxx and channel A begins with 7xxx.
Figure 120. SPI Write Timing Diagram for Digital Bank Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com