Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC32RF45IRMP Datasheet(PDF) 45 Page - Texas Instruments

No. de pieza ADC32RF45IRMP
Descripción Electrónicos  ADC32RF45 Dual-Channel, 14-Bit, 3.0-GSPS, Analog-to-Digital Converter
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF45IRMP Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC32RF45IRMP Datasheet HTML 41Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 42Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 43Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 44Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 45Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 46Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 47Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 48Page - Texas Instruments ADC32RF45IRMP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 131 page
background image
THHH
THHL
BLKPKDET
Crossing Detector Time Period
Crossing Detector Counter
Crossing Detector Counter Threshold
IIR PK DET
Combine
BLKPKDETH
BLKPKDETL
BLKPKDETHL
2-Bit Mode
FILT0LP
SEL
Time
Constant
>FIL0THH
>FIL0THL
1 or 2-Bit
Mode
Time
Constant
>FIL1THH
>FIL1THL
1 or 2-Bit
Mode
IIR PK DET0
IIR PK DET1
2-Bit Mode
10: High
00: Mid
01: Low
1-Bit Mode
With Hysteresis and Dwell
1: High
0: Low
Peak Over
8 Samples
fS
ADC
Output
Block:
Peak Over N
Samples (S`)
S`
fS/8
fS/(8N)
BLKPKDET
N = [1..2
16]
>THHigh
>THLow
Hysteresis
and DWELL
>TLHigh
>TLLow
Hysteresis
and DWELL
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
DWELL
IIR LPF
IIR LPF
45
ADC32RF45
www.ti.com
SBAS747C – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF45
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.8.2 Crossing Detector
In this detector mode the peak is computed over eight samples of the ADC output. Next, the peak for a block of
N samples (N × S`) is computed over a programmable block length and then the peak is compared against two
sets of programmable thresholds (with hysteresis). The crossing detector counts how many fS / 8 clock cycles
that the block detector outputs are set high over a programmable time period and compares the counter value
against the programmable thresholds. The alarm outputs are updated at the end of the time period, routed to the
GPIO pins, and held in that state through the next cycle, as shown in Figure 107 and Figure 108. Alternatively, a
2-bit format can be used but (because the ADC32RF45 has four GPIO pins available) this feature uses all four
pins for a single channel.
Figure 107. Crossing Detector Implementation
Figure 108. Crossing Detector Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com