Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 47 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 43Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 44Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 45Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 46Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 47Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 48Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 49Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 50Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 185 page
background image
DS14736 Rev 1
47/185
STM32WBA6xxx
Functional overview
69
power control, and generates an interrupt request to the CPU NVIC and events to the CPU
event input.
The EXTI wake-up requests allow the system to be woken up from Stop modes.
The interrupt request and event request generation can also be used in Run and Sleep
modes. The EXTI also includes the peripheral interconnect EXTI multiplexer I/O port
selection.
The EXTI main features are the following:
•
All event inputs allowed to wake up the system
•
Configurable events (signals from I/Os or peripherals able to generate a pulse)
–
Selectable active trigger edge
–
Interrupt pending status register bit independent for the rising and falling edge
–
Individual interrupt and event generation mask, used for conditioning the CPU
wake-up, interrupt and event generation
–
Software trigger possibility
•
TrustZone secure events
–
The access to control and configuration bits of secure input events can be made
secure
•
EXTI I/O port selection for peripheral interconnect use.
3.19
Cyclic redundancy check calculation unit (CRC)
The CRC is used to get a CRC code using a configurable generator with polynomial value
and size.
Among other applications, the CRC-based techniques are used to verify data transmission
or storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a mean to verify
the flash memory integrity.
The CRC calculation unit helps to compute a signature of the software during runtime, that
can be ulteriorly compared with a reference signature generated at link-time and that can be
stored at a given memory location.
3.20
Analog-to-digital converter (ADC4)
The devices embed one 12-bit successive approximation analog-to-digital converter.
Table 13. ADC features
ADC modes/features(1)
ADC4
Resolution
12 bits
Maximum sampling speed for 12-bit resolution
2.5 Msps
Hardware offset calibration
X
Hardware linearity calibration
-
Single-ended inputs
X
Differential inputs
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com