Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 76 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 72Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 73Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 74Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 75Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 76Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 77Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 78Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 79Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 185 page
background image
Pinout, pin description, and alternate functions
STM32WBA6xxx
76/185
DS14736 Rev 1
Table 22. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V-tolerant I/O
TT
3.6 V-tolerant I/O
RF
RF I/O
RST
Bidirectional reset pin with weak pull-up resistor
Option for TT or FT I/Os(1)
_a
I/O with analog switch function supplied by VDDA
_f
I/O, Fm+ capable
_h
I/O with high-speed low voltage mode
_s
I/O, supplied only by VDDIO2
_u
I/O with USB function supplied by VDDUSB
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 23 are a concatenation of various options. Examples: FT_a, FT_fa, FT_f.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com