Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 35 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 31Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 32Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 33Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 34Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 35Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 36Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 37Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 38Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 185 page
background image
DS14736 Rev 1
35/185
STM32WBA6xxx
Functional overview
69
By default, the microcontroller is in Run mode after a system or a power on reset. It is up to
the user to select one of the low-power modes described below:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt or event occurs.
•
Stop 0 and Stop 1 modes
Stop modes achieve the lowest power consumption while retaining the content of
SRAM and registers. All clocks in the VCORE domain are stopped, the PLL, the HSI16,
and the HSE32 crystal oscillators are disabled. The LSE or LSI is still running.
The RTC, TAMP, IWDG and SLEEP_TIMER can remain active.
Some peripherals are autonomous and can operate in Stop modes by requesting their
kernel clock and their bus clock when needed, to transfer data with DMA Stop 0 modes
will be entered. Refer to PWR background autonomous mode (BAM) for more details.
In Stop modes the bus clocks when requested use HSI16.
Stop 0 offer the largest number of active peripherals, with or without DMA, and wake-up
sources, a smaller wake-up time but a higher consumption than Stop 1.
In Stop 0 mode, the main regulator remains ON, allowing a very fast wake-up time, but
with higher power consumption.
Stop 1 is the lowest power mode with full retention, but the functional peripherals and
sources of wake-up are reduced.
The BOR can be configured in ultra-low-power mode to further reduce consumption
during Stop 1 mode.
The system clock when exiting from Stop 0 or Stop 1 modes is HSI16.
•
Stop 2 mode
Stop mode achieves the lowest power consumption while retaining the content of
SRAM and some registers. All clocks in the VCORE domain are stopped, the PLL, the
HSI16, and the HSE32 crystal oscillators are disabled. The LSE or LSI is still running.
The RTC, TAMP, IWDG and SLEEP_TIMER can remain active.
A reduced set of peripherals are autonomous and can operate in Stop 2 mode by
requesting their kernel clock and their bus clock when needed. Refer to PWR
background autonomous mode (BAM) for more details.
Stop 2 is the lowest power mode with partial retention, but the functional peripherals
and sources of wake-up are reduced.
The BOR can be configured in ultra-low-power mode to further reduce power
consumption during Stop 2 mode.
The system clock when exiting from Stop 2 modes is HSI16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com