Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 12Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 13Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 14Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 15Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 16Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 17Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 18Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 19Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 185 page
background image
Description
STM32WBA6xxx
16/185
DS14736 Rev 1
Figure 1 shows the general block diagram of the devices.
Figure 1. Block diagram
MSv56529V1
VDDA
VDDRF
RTC
IWDG
LSE
32 kHz
HSE32
32 MHz
HSI16
Power supply
POR/PDR/
BOR/PVD
APB1 & 2 100 MHz
VDD
Flash memory
with ECC
True RNG
LPTIM2
LPTIM1
CRC
WWDG
I2C3
LPUART1
SPI1
USART1
ICache
SRAM2
with parity and retention
Cortex-M33
(FPU, DSP) < 100 MHz
Power
management
regulator / SMPS
SPI3
I2C1
USART2
AES
PKA
TIM4
TIM2
MPU, SAU
HASH
TIM3
TAMP
LSI1
TXRX
SRAM retention
Sequence
SRAM retention
SAES
SRAM1
with retention
Temp. (
oC)
sensor
2.4 GHz RADIO
(AES)
2.4 GHz
RF
GTZC_TZIC
CFI
GPDMA1
8 channels
RCC
PWR
EXTI
GTZC-TZSC
MCPBB2
MCPBB1
TIM1
TSC
SYSCFG
SAI1
MCPBB6
HSEM
GPIO Ports
A, B, C, D, E, G, H
PTACONV
NVIC
PLL
RAMCFG
DBGMCU
OTG HS
TIM17
TIM16
I2C2
I2C4
SPI2
USART3
VREFBUF
ADC4
COMP
VDDUSB
ADC 12-bit
2.5 Msps
COMP2
COMP1
LSI2
OTG HS
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com