Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 52 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 48Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 49Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 50Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 51Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 52Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 53Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 54Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 55Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 185 page
background image
Functional overview
STM32WBA6xxx
52/185
DS14736 Rev 1
The true random generator:
•
Delivers 32-bit true random numbers, produced by an analog entropy source
conditioned by a NIST SP800-90B approved conditioning stage
•
Can be used as entropy source to construct a nondeterministic random bit generator
(NDRBG)
•
Produces four 32-bit random samples every 412 AHB clock cycles if fAHB < 77 MHz
(256 RNG clock cycles otherwise)
•
Embeds start-up and NIST SP800-90B approved continuous health tests (repetition
count and adaptive proportion tests), associated with specific error management
•
Can be disabled to reduce power consumption, or enabled with an automatic
low-power mode (default configuration)
•
Has an AHB slave peripheral, accessible through 32-bit word single accesses only
(else an AHB bus error is generated, and the write accesses are ignored)
3.25
Secure advanced encryption standard hardware accelerator
(SAES) and encryption standard hardware accelerator (AES)
The devices embed two AES accelerators: SAES and AES. The SAES with hardware
unique key embeds protection against differential power analysis (DPA) and related side
channel attacks. The SAES can share its current key register information with the faster
AES using a dedicated hardware bus.
The SAES and the AES can be used to both encrypt and decrypt data using the AES
algorithm. It is a fully compliant implementation of the advanced encryption standard (AES)
as defined by Federal Information Processing Standards Publication (FIPS PUB 197, Nov
2001).
Multiple chaining modes are supported for key sizes of 128 or 256 bits. ECB, CBC, CTR,
CCM, GCM and GMAC chaining is supported by both SAES and AES.
SAES and AES support DMA single transfers for incoming and outgoing data (two DMA
channels required).
The SAES supports the selection of all the following key sources, while the AES support
only the first:
•
256-bit software key, written by the application in the key registers (write only)
•
256-bit DHUK (derived hardware unique key), computed inside the SAES engine from
a nonvolatile OTP based RHUK (root hardware unique key)
•
256-bit BHK (boot hardware key), stored in tamper-resistant secure backup registers,
written by a secure code during boot. Once written, this key cannot be read or write by
any application until the next product reset.
•
XOR of DHUK (provisioned chip secret) and BHK (software secret)
DHUK, BHK and their XOR are not visible by any software (even secure).
Note:
128-bit key size can also be selected.
BHK key is cleared in case of tamper or RDP regression.
When the SAES is secure (respectively nonsecure), DHUK secure (respectively nonsecure)
is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com