Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 41 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 37Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 38Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 39Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 40Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 41Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 42Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 43Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 44Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 185 page
background image
DS14736 Rev 1
41/185
STM32WBA6xxx
Functional overview
69
•
Device reset source monitoring.
•
Individual peripheral reset control.
•
Clock prescaler: to get the best trade-off between speed and current consumption, the
clock frequency to the CPU and peripherals can be adjusted by a programmable
prescaler.
•
Clock selection system: clock sources can be changed safely on-the-fly in Run mode
through a configuration register.
•
Clock management: in order to reduce the power consumption, the clock controller can
stop the clock to the core, individual peripherals or memory.
•
System clock source: different clock sources can be used to drive the system clock
SYSCLK:
–
HSE32 (32 MHz high-speed external crystal oscillator), trimmable by software.
The HSE32 can also be used with an external clock.
–
HSI16 (16 MHz high-speed internal RC oscillator), trimmable by software.
–
System PLL, can be fed by HSE32 or HSI16 with a maximum output frequency at
100 MHz.
•
Auxiliary clock source: two ultra-low-power clock sources that can be used to drive e.g.
the real-time clock:
–
LSE (32.000 kHz or 32.768 kHz low-speed external crystal oscillator), supporting
programmable drive capability modes. The LSE can also be configured in bypass
mode for an external clock.
–
LSI (~32 kHz low-speed internal RC oscillators), also used to drive the
independent watchdog.
The LSI1 clock absolute accuracy is ±5%, it can be divided by 128 to output a
250 Hz source clock.
The LSI2 clock has a high stability, ±500 ppm. It can be used to drive the 2.4 GHz
RADIO sleep timer.
•
Peripheral clock sources: several peripherals have their own independent kernel clock
whatever the system clock. The PLL has three independent outputs allowing the
highest flexibility and can generate clocks for the ADC, SAI, USB OTG and the RNG.
•
Startup clock: after reset, the microcontroller restarts by default with the HSI16. The
prescaler ratio and clock source can be changed by the application program as soon
as the code execution starts.
•
CSS (Clock security systems): these features can be enabled by software.
–
If a HSE32 clock failure occurs, the system clock automatically switches to HSI16
and a software interrupt is generated if enabled.
–
LSE failure can also be detected and generates an interrupt, in this case the clock
switches to LSI.
•
Clock-out capability:
–
MCO (microcontroller clock output): outputs one of the internal clocks for external
use by the application. (only available in Run, Sleep and Stop mode)
–
LSCO (low-speed clock output): outputs LSI or LSE in all operating modes.
Several prescalers allow AHB and APB frequencies configuration. The maximum frequency
of the AHB and the APB clock domains is 100 MHz, except for AHB5 domain, which is
limited to maximum 32 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com