Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 40 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 36Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 37Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 38Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 39Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 40Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 41Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 42Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 43Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 185 page
background image
Functional overview
STM32WBA6xxx
40/185
DS14736 Rev 1
3.12.3
Reset mode
To improve the consumption under reset, the I/Os state under and after reset is “analog
state” (the I/O Schmitt trigger is disabled). In addition, the internal reset pull-up is
deactivated when the reset source is internal.
3.12.4
PWR TrustZone security
When TrustZone security is activated by the TZEN option bit, the PWR is switched in
TrustZone security mode.
The PWR TrustZone security secures the following configuration:
•
Low-power mode
•
WKUP (wake-up) pins
•
Voltage detection
•
Backup domain control
Some of the PWR configuration bits security is defined by the security of other peripherals:
•
The VOS (voltage scaling) configuration is secure when the system clock selection is
secure in RCC.
•
The I/O Standby mode retention configuration is secure when the corresponding GPIO
is secure.
3.13
Reset and clock controller (RCC)
The RCC (reset and clock controller) manages device and peripheral reset and distributes
the clocks coming from the different oscillators to the core and to the peripherals. It also
manages the clock gating for low-power modes and ensures the clock robustness. It
features:
7. PTACONV interface signal levels can be retained on GPIOs.
8. Some peripherals with autonomous mode and wake-up from Stop capability can request HSI16 to be
enabled. In this case, the oscillator is woken up by the peripheral, and is automatically put off when no
peripheral needs it.
9. The 2.4 GHz RADIO peripheral in autonomous mode request HSE32 to be enabled. In this case, the
oscillator is kept active by the peripheral, and is automatically put off when it no longer needs it.
10. I/O levels can be retained with pull-up, pull-down, or floating.
11. There are 16 wake-up pins available.
12. UART and LPUART reception and transmission are functional and autonomous in Stop mode in
asynchronous and in SPI master modes, and generate a wake-up interrupt on transfer events.
13. I2C reception and transmission is functional and autonomous in Stop mode and generates a wake-up
interrupt on transfer events.
14. SPI reception and transmission is functional and autonomous in Stop mode and generates a wake-up
interrupt on transfer events.
15. A/D conversion is functional and autonomous in Stop mode, and generates a wake-up interrupt on
conversion events.
16. LPTIM is functional and autonomous in Stop mode, and generates a wake-up interrupt on events.
17. GPDMA transfers are functional and autonomous in Stop 0 mode, and generates a wake-up interrupt on
transfer events.
18. DBGMCU remains accessible trough AP0.
19. DBGMCU remains accessible through AP0 when CDBGPWRUPREQ is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com