Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 65Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 66Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 67Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 68Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 69Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 70Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 71Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 72Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 185 page
background image
DS14736 Rev 1
69/185
STM32WBA6xxx
Functional overview
69
–
Up to 16 interrupt plus isochronous transfer requests in the periodic hardware
queue
–
Up to 16 control plus bulk transfer requests in the nonperiodic hardware queue
•
Management of a shared Rx FIFO, a periodic Tx FIFO and a nonperiodic Tx FIFO for
efficient usage of the USB data RAM
Peripheral-mode features:
•
1 bidirectional control endpoint0
•
8 IN endpoints (EPs) configurable to support bulk, interrupt or isochronous transfers
•
8 OUT endpoints configurable to support bulk, interrupt or isochronous transfers
•
Management of a shared Rx FIFO and a Tx-OUT FIFO for efficient usage of the USB
data RAM
•
Management of up to 9 dedicated Tx-IN FIFOs (one for each active IN EP) to put less
load on the application
•
Support for the soft disconnect feature
3.36
Development support
3.36.1
Serial-wire/JTAG debug port (SWJ-DP)
The Arm SWJ-DP interface is embedded and is a combined JTAG and serial-wire debug
port that enables either a serial wire debug or a JTAG probe to be connected to the target.
Debug is performed using two pins only instead of five required by the JTAG (JTAG pins can
be re-used as GPIO with alternate function): the JTAG TMS and TCK pins are shared with
SWDIO and SWCLK, respectively, and a specific sequence on the TMS pin is used to
switch between JTAG-DP and SW-DP.
3.36.2
Embedded Trace Macrocell (ETM)
The Arm embedded trace macrocell (ETM) provides a greater visibility of the instruction and
data flow inside the CPU core by streaming compressed data at a very high rate from the
device through a small number of ETM pins to an external hardware trace port analyzer
(TPA) device.
Real-time instruction and data flow activity is recorded and then formatted for display on the
host computer that runs the debugger software. PTA hardware is commercially available
from common development tools vendors.
The ETM operates with third party debugger software tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com