Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 15Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 16Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 17Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 18Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 19Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 20Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 21Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 22Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 185 page
background image
DS14736 Rev 1
19/185
STM32WBA6xxx
Functional overview
69
3.5
Embedded flash memory
The devices feature an up to 2-Mbyte embedded flash memory, available to store programs
and data. This memory supports 10000 cycles, and up to 100000 cycles on 64 pages
(512 Kbytes).
A 128-bit instruction prefetch is implemented and can optionally be enabled.
The flash memory interface features dual-bank operation modes and read-while-write
(RWW), hence a read operation to be performed from one bank while an erase or program
operation is performed on the other bank. The dual-bank boot is also supported. Each bank
contains up to 128 pages of 8 Kbytes. The flash memory also embeds a 512-byte one-time
programmable (OTP) memory for user data.
The whole nonvolatile memory embeds the error correction code (ECC) feature supporting:
•
single-error detection and correction
•
double-error detection
•
ECC fail address report
3.5.1
Flash memory protections
The user options allow the configuration of flexible protections:
•
write protection (WRP) to protect areas against erasing and programming. Two areas
per bank can be selected with 8-Kbyte granularity
•
readout protection (RDP) to protect the whole memory, has four levels of protection
available (see Table 3 and Table 4):
–
Level 0: no readout protection
–
Level 0.5: available only when TrustZone is enabled
All read/write operations (if no write protection is set) from/to the nonsecure flash
memory are possible. The debug access to secure area is prohibited. Debug
access to nonsecure area remains possible.
–
Level 1: memory readout protection
The flash memory cannot be read from or written to if either the debug features
are connected or the boot in RAM or bootloader are selected. If TrustZone is
enabled, the nonsecure debug is possible and the boot in SRAM is not possible.
Regressions from Level 1 to lower levels can be protected by password
authentication.
–
Level 2: chip readout protection
The debug features, the boot in RAM and the bootloader selection are disabled. A
secure secret key can be configured in the secure options to allow the regression
capability from Level 2 to Level 1. By default (key not configured), this Level 2
selection is irreversible and JTAG/SWD interfaces are disabled. If the secret key
was previously configured in lower RDP levels, the device enables the RDP
regression from Level 2 to Level 1 after password authentication through
JTAG/SWD interface.
Note:
To reach the best protection level, it is recommended to activate TrustZone and to set RDP
level 2 with password authentication regression enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com