Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 100 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 96Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 97Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 98Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 99Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 100Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 101Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 102Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
100/185
DS14736 Rev 1
5.1.7
Current consumption measurement
The IDD parameters in the tables in the next sections represent the total MCU consumption,
including the current supplying VDD, VDDIO2, VDDUSB, VDDA, VDDRF, VDDRFPA, and VDDSMPS
(if the device embeds the SMPS), or the total 2.4 GHz RADIO current supplying VDDRF and
VDDRFPA.
Figure 21. Current consumption measurement scheme
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 26, Table 27, and Table 28
can cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these conditions is not implied. Exposure to maximum rating
conditions for extended periods can affect device reliability. Device mission profile
(application conditions) is compliant with JEDEC JESD47 Qualification Standard, extended
mission profiles are available on demand.
MSv56256V1
VDD
VDDA
VDDRF
IDD
SMPS supply scheme
Normal transmit output power
VDDRFPA
VDD
VDDA
VDDRF
IDD
VDDRFPA
VDD
VDDA
VDDRF
IDD
SMPS supply scheme
High transmit output power
LDO supply scheme
VDDSMPS
VDDIO2
VDDUSB
VDDIO2
VDDUSB
VDDIO2
VDDUSB
VDDSMPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com