Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 105 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 101Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 102Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 103Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 104Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 105Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 106Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 107Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 108Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 185 page
background image
DS14736 Rev 1
105/185
STM32WBA6xxx
Electrical characteristics
169
Rgfsk
On air data rate
-
0.125
-
2
Mbps
PLLres
RF channel spacing
-
-
2
-
MHz
Table 33. RF Bluetooth Low Energy characteristics (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 34. RF transmitter Bluetooth Low Energy characteristics(1)
Symbol
Parameter
Test conditions Standard Min
Typ
Max
Unit
BW6dB1Mbps 6 dB signal bandwidth
Ptxmax max setting
-
-
665
-
kHz
BW6dB2Mbps 6 dB signal bandwidth
Ptxmax max setting
-
-
1142
-
IBSE1Mbps
In band spurious emission
2 MHz
-
-20
-
-41
-20
dBm
≥ 3 MHz
-
-30
-
-47.5
-30
IBSE2Mbps
In band spurious emission
4 MHz
-
-20
-
-42.5
-20
dBm
5 MHz
-
-20
-
-44
-20
≥ 6 MHz
-
-30
-45
-30
fd
Frequency drift
-
±50
-50
-
+50
kHz
drmax
Maximum drift rate
Uncoded
-±20
-20
-
+20
kHz/
50 µs
Coded
-
±19.2
-19.2
-
+19.2
fo
Frequency offset
-
±150
-150
-
+150
kHz
∆f11Mbps
Frequency deviation average 1 Mbps
-
225 - 275 225
-
275
∆f12Mbps
Frequency deviation average 2 Mbps
-
450 - 550 450
-
550
∆f1CodedS8
Frequency deviation average
Coded S = 8
-
225 - 275 225
-
275
∆f21Mbps
Frequency deviation 99.9% 1 Mbps
-
185
185
-
-
∆f22Mbps
Frequency deviation 99.9% 2 Mbps
-
370
370
-
-
1. Evaluated by characterization, not tested in production, unless otherwise specified. Measured in conducted mode, based
on reference design (see AN5165), using output power specific external RF filter and impedance matching networks to
interface with a 50 Ω antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com