Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 109Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 110Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 111Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 112Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 113Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 114Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 115Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 116Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 185 page
background image
DS14736 Rev 1
113/185
STM32WBA6xxx
Electrical characteristics
169
Typical and maximum current consumption
The MCU is put under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled, except when otherwise mentioned
•
The flash memory and SRAM access time is adjusted with the minimum wait states
number, depending upon the fHCLK frequency (refer to tables in the reference manual).
•
When the peripherals are enabled fPCLKx = fHCLK1
•
The voltage scaling is adjusted to fHCLK frequency as follows:
–
Voltage range 1 for 16 MHz < fHCLK1 ≤ 100 MHz and 12 MHz < fHCLK5 ≤ 32 MHz
–
Voltage range 2 for fHCLK1 ≤ 16 MHz and fHCLK5 ≤ 12 MHz
The parameters given in Table 44 and Table 45 are evaluated by characterization under
ambient temperature and supply voltage conditions summarized in Table 30.
Table 44. Current consumption in Run modes on LDO, code with data processing running
from flash memory, Cache ON (1-way), prefetch OFF, VDD = 3.3 V(1)(2)(3)
Symbol
Parameter
Conditions
Typ
Unit
-
Voltage
scaling
fHCLK1
25 °C 55 °C 85 °C
IDD(Run)
Supply
current in
Run mode
fHCLK1 = fHSI16 = 16 MHz
Range 2
16 MHz
1.11
1.18
1.40
mA
fHCLK1 = fHSE32 = 32 MHz
Range 1
32 MHz
3.03
3.19
3.57
fHCLK1 = HSE32 + PLL > 32 MHz
100 MHz
7.76
7.94
8.35
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. Reduced code used for characterization.
3. All peripherals disabled, SRAM1 and SRAM2 enabled.
Table 45. Current consumption in Run modes on SMPS, code with data processing running
from flash memory, Cache ON (1-way), prefetch OFF, VDD = 3.3 V(1)(2)(3)
Symbol
Parameter
Conditions
Typ
Unit
-
Voltage
scaling
fHCLK1
25 °C 55 °C 85 °C
IDD(Run)
Supply
current in
Run mode
fHCLK1 = fHSI16 = 16 MHz
Range 2
16 MHz
0.56
0.59
0.68
mA
fHCLK1 = fHSE32 = 32 MHz
Range 1
32 MHz
2.01
2.12
2.35
fHCLK1 = HSE32 + PLL > 32 MHz
100 MHz
4.40
4.53
4.77
1. Guaranteed by characterization results, unless otherwise specified.
2. Reduced code used for characterization results
3. All peripherals disabled, SRAM1 and SRAM2 enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com