Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 157 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 153Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 154Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 155Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 156Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 157Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 158Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 159Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 160Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 185 page
background image
DS14736 Rev 1
157/185
STM32WBA6xxx
Electrical characteristics
169
5.3.27
Timer characteristics
The parameters given in Table 90, Table 91, and Table 92 are specified by design. Refer to
Section 4.2 for details on the input/output alternate function characteristics (output compare,
input capture, external clock, PWM output).
3. Refer to Table 43: Embedded internal voltage reference.
4. No VREFINT division, includes only buffer consumption.
5. VREFINT division, includes resistor bridge and buffer consumption.
6. Evaluated by characterization, not tested in production.
7. Mostly I/O leakage when used in analog mode. Refer to Ilkg parameter in Table 75: I/O static characteristics.
Table 90. TIMx(1) characteristics(2)
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 100 MHz
10
-
ns
fEXT
Timer external clock frequency
on CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 100 MHz
0
50
ResTIM
Timer resolution
TIM1, TIM3, TIM16, TIM17
-
16
bit
TIM2, TIM4
-
32
tCOUNTER16 16-bit counter period
-1
216
tTIMxCLK
fTIMxCLK = 100 MHz
0.01
655.36
µs
tCOUNTER32 32-bit counter period
-1
232
tTIMxCLK
fTIM2CLK = 100 MHz
0,01
42.94
s
1. TIMx, is used as a general term, where x stands for 1, 2, 3, 4, 16, or 17.
2. Specified by design, not tested in production.
Table 91. IWDG min/max timeout period at 32 kHz(1)(2)
Prescaler divider
PR[3:0] bits
Min timeout RL[11:0] = 0x002
Max timeout RL[11:0] = 0xFFF
Unit
/4
0
0.325
512
ms
/8
1
0.750
1024
/16
2
1.500
2048
/32
3
3.0
4096
/64
4
6.0
8192
/128
5
12.0
16384
/256
6
24.0
32768
/512
7
48.0
65536
/1024
Others
96.0
131072
1. The exact timings depend upon the phasing of the APB interface clock vs. the IWDG kernel clock, hence there is always a
full kernel clock period of uncertainty.
2. Specified by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com