Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 131 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 131 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 127Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 128Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 129Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 130Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 131Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 132Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 133Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 134Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 135Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 131
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
HDSF 16 (AMPSEAL 16) STAMPED & FORMED PINS
1.58 mm
up to 13
Pin, S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., gold
1924463-1
up to 13
Pin, S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., gold, loose piece
1924579-1
up to 13
Pin, S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., nickel
1924463-3
up to 13
Pin, S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .050-.107 [1.27-2.72] ins., nickel, loose piece
1924579-3
up to 13
Pin, S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .089-.131 [2.26-3.33] ins., gold
776349-1
up to 13
Pin, S&F, sz. 1.58 mm, 18-20 AWG [0.80-0.50 mm2], .089-.131 [2.26-3.33] ins., nickel
776349-3
up to 13
Pin, S&F, sz. 1.58 mm, 18 AWG [1.50.-0.80 mm2], .065-.118 [1.65-3.00] ins., gold
2098250-1
up to 13
Pin, S&F, sz. 1.58 mm, 18 AWG [1.50.-0.80 mm2], .065-.118 [1.65-3.00] ins., nickel
2098250-3
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., gold
638078-1
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., gold, loose piece
776300-1
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., nickel
638078-3
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .089-.131 [2.26-3.33] ins., nickel, loose piece
776300-2
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., gold
638112-1
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., gold, loose piece
776298-1
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., nickel
638112-3
up to 13
Pin, S&F, sz. 1.58 mm, 14-18 AWG [2.00-0.80 mm2], .077-.155 [2.18-3.67] ins., nickel, loose piece
776298-2
up to 13
Pin, S&F, sz. 1.58 mm, 14 AWG [2.50-1.50 mm2], .083-.128 [2.11-3.25] ins., gold
2098252-1
up to 13
Pin, S&F, sz. 1.58 mm, 14 AWG [2.50-1.50 mm2], .083-.128 [2.11-3.25] ins., nickel
2098252-3
2.5 mm (Circular DIN) STAMPED & FORMED SOCKETS
2.5 mm
Up to 40
Socket, S&F, sz. 2.5 mm, 0.2-0.4 mm2, .045-.063 [1.15-1.6] ins., unsealed, tin
929969-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.2-0.4 mm2, .045-.063 [1.15-1.6] ins., unsealed, tin, loose piece
962976-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, tin
929970-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, tin, loose piece
962977-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, silver
929970-7
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, silver, loose piece
962977-7
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, gold
929970-8
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, gold, loose piece
962977-8
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .075-.118 [1.9-3.0] ins., unsealed, tin
929971-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com