Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 134 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 134 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 130Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 131Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 132Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 133Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 134Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 135Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 136Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 137Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 138Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 134
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
Up to 40
Pin, S&F, sz. 2.5 mm, ≥1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, silver, loose piece
962972-7
Up to 40
Pin, S&F, sz. 2.5 mm, ≥1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, gold
929968-8
Up to 40
Pin, S&F, sz. 2.5 mm, ≥1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, gold, loose piece
962972-8
AMP MCP (HDSCS/LEAVYSEAL) STAMPED & FORMED RECEPTACLES
1.5K
Up to 20
Recept., S&F, sz. 1.5K, 0.22-0.35 mm2, .043-.055 [1.1-1.4] FLR ins., CuNiSi, pre-tin
1564324-1
Up to 20
Recept., S&F, sz. 1.5K, 0.22-0.35 mm2, .043-.055 [1.1-1.4] FLR ins., CuNiSi, pre-tin, loose piece
1564325-1
Up to 20
Recept., S&F, sz. 1.5K, 0.22-0.35 mm2, .043-.055 [1.1-1.4] FLR ins., CuNiSi, selective gold
1564324-2
Up to 20
Recept., S&F, sz. 1.5K, 0.22-0.35 mm2, .043-.055 [1.1-1.4] FLR ins., CuNiSi, selective gold, loose piece
1564325-2
Up to 20
Recept., S&F, sz. 1.5K, 0.22-0.35 mm2, .043-.055 [1.1-1.4] FLR ins., CuNiSi, selective silver
1564324-3
Up to 20
Recept., S&F, sz. 1.5K, 0.22-0.35 mm2, .043-.055 [1.1-1.4] FLR ins., CuNiSi, selective silver, loose piece
1564325-3
Up to 20
Recept., S&F, sz. 1.5K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, pre-tin
1241380-1
Up to 20
Recept., S&F, sz. 1.5K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, pre-tin, loose piece
1241381-1
Up to 20
Recept., S&F, sz. 1.5K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, selective gold
1241380-2
Up to 20
Recept., S&F, sz. 1.5K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, selective gold, loose piece
1241381-2
Up to 20
Recept., S&F, sz. 1.5K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, selective silver
1241380-3
Up to 20
Recept., S&F, sz. 1.5K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, selective silver, loose piece
1241381-3
Up to 20
Recept., S&F, sz. 1.5K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, min 1.27
µm selective gold
1-1241380-2
Up to 20
Recept., S&F, sz. 1.5K, >1.0-1.5 mm2, .087-.094 [2.2-2.4] FLR ins., CuNiSi, pre-tin
1418884-1
Up to 20
Recept., S&F, sz. 1.5K, >1.0-1.5 mm2, .087-.094 [2.2-2.4] FLR ins., CuNiSi, pre-tin, loose piece
1418885-1
Up to 20
Recept., S&F, sz. 1.5K, >1.0-1.5 mm2, .087-.094 [2.2-2.4] FLR ins., CuNiSi, selective silver
1418884-3
Up to 20
Recept., S&F, sz. 1.5K, >1.0-1.5 mm2, .087-.094 [2.2-2.4] FLR ins., CuNiSi, selective silver, loose
1418885-3
2.8
Up to 40
Recept., S&F, sz. 2.8, 0.35 mm2, .047-.055 [1.2-1.4] FLR ins., CuNiSi, pre-tin
1-968882-1
Up to 40
Recept., S&F, sz. 2.8, 0.35 mm2, .047-.055 [1.2-1.4] FLR ins., CuNiSi, pre-tin, loose piece
1-968896-1
Up to 40
Recept., S&F, sz. 2.8, 0.35 mm2, .047-.055 [1.2-1.4] FLR ins., CuNiSi, selective silver
1-968882-3
Up to 40
Recept., S&F, sz. 2.8, 0.35 mm2, .047-.055 [1.2-1.4] FLR ins., CuNiSi, selective silver, loose piece
1-968896-3
Up to 40
Recept., S&F, sz. 2.8, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, pre-tin
1-968855-1
Up to 40
Recept., S&F, sz. 2.8, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, pre-tin, loose piece
1-968875-1
Up to 40
Recept., S&F, sz. 2.8, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuNiSi, selective gold
1-968855-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com