Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 141 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 141 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 137Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 138Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 139Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 140Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 141Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 142Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 143Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 144Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 145Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 141
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
DEUTSCH SOLID PINS
Size 20
7.5
Pin, solid, sz. 20, 20 AWG [0.50 mm2], nickel
0460-202-20141
7.5
Pin, solid, sz. 20, 20 AWG [0.50 mm2], gold
0460-202-2031
Size 20 (16-18 AWG)
7.5
Pin, solid, sz. 20, 16-18 AWG [1.00-0.75 mm2], nickel
0460-010-20141
7.5
Pin, solid, sz. 20, 16-18 AWG [1.00-0.75 mm2], gold
0460-010-2031
Size 16
13
Pin, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], nickel
0460-202-16141
13
Pin, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], gold
0460-202-1631
13
Pin, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], gold, high durability
0460-002-1631
13
Pin, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], nickel, extended crimp, seals against rear grommet
0460-247-16141
13
Pin, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], gold, extended crimp, seals against rear grommet
0460-247-1631
13
Pin, solid, sz. 16, 16-20 AWG [1.50-0.50 mm2], nickel, extended interface
0460-264-16141
Size 16 (14 AWG)
13
Pin, solid, sz. 16, 14 AWG [2.00 mm2], nickel
0460-215-16141
13
Pin, solid, sz. 16, 14 AWG [2.00 mm2], gold
0460-215-1631
Size 12
25
Pin, solid, sz. 12, 12-14 AWG [3.00-2.00 mm2], nickel
0460-204-12141
25
Pin, solid, sz. 12, 12-14 AWG [3.00-2.00 mm2], gold
0460-220-1231
25
Pin, solid, sz. 12, 16-18 AWG [1.50-0.75 mm2], gold
0460-256-12233
Size 8
60
Pin, solid, sz. 8, 8-10 AWG [10.00-5.00 mm2], nickel
0460-204-08141
Size 4
100
Pin, solid, sz. 4, 6 AWG [16.00-13.00 mm2], nickel
0460-204-0490
100
Pin, solid, sz. 4, 4 AWG [25.00-21.00 mm2], nickel, C038 modification only
5960-203-04141
DEUTSCH SOLID PCB PINS
Size 20
7.5
Pin, solid, sz. 20, gold, extended PCB
0460-208-2031
7.5
Pin, solid, sz. 20, tin, extended PCB
0460-208-2090



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com