Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 138 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 138 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 134Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 135Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 136Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 137Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 138Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 139Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 140Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 141Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 142Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 138
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
Up to 40
Tab, S&F, sz. 6.3/4.8K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuSn, selective silver, loose piece
1-963742-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuFe, pre-tin
2-962917-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuFe, pre-tin, loose piece
2-963742-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuFe, selective silver
2-962917-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, 0.5-1.0 mm2, .055-.083 [1.4-2.1] FLR ins., CuFe, selective silver, loose piece
2-963742-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuSn, pre-tin
1-962918-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuSn, pre-tin, loose piece
1-963743-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuSn, selective silver
1-962918-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuSn, selective silver, loose piece
1-963743-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuFe, pre-tin
2-962918-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuFe, pre-tin, loose piece
2-963743-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuFe, selective silver
2-962918-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, 1.5-2.5 mm2, .087-.118 [2.2-3.0] FLR ins., CuFe, selective silver, loose piece
2-963743-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuSn, pre-tin
1-962919-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuSn, pre-tin, loose piece
1-963744-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuSn, selective silver
1-962919-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuSn, selective silver, loose piece
1-963744-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuFe, pre-tin
2-962919-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuFe, pre-tin, loose piece
2-963744-1
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuFe, selective silver
2-962919-2
Up to 40
Tab, S&F, sz. 6.3/4.8K, >2.5-4.0 mm2, .106-.146 [2.7-3.7] FLR ins., CuFe, selective silver, loose piece
2-963744-2
DEUTSCH STAMPED & FORMED SOCKETS
Size 20
7.5
Socket, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .075-.125 [1.91-3.18] ins., nickel
1062-20-0122
7.5
Socket, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .075-.125 [1.91-3.18] ins., gold
1062-20-0144
7.5
Socket, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .051-.085 [1.30-2.16] ins., nickel
1062-20-0222
7.5
Socket, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .051-.085 [1.30-2.16] ins., gold
1062-20-0244
7.5
Socket, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .075-.125 [1.91-3.18] ins., nickel, sleeveless
1062-20-0322
7.5
Socket, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .075-.125 [1.91-3.18] ins., gold, sleeveless
1062-20-0344
7.5
Socket, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .075-.125 [1.91-3.18] ins., tin, sleeveless
1062-20-0377
7.5
Socket, S&F, sz. 20, 14-16 AWG [2.50-1.00 mm2], .075-.125 [1.91-3.18] ins., nickel
1062-20-0622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com