Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 123 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 123 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 119Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 120Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 121Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 122Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 123Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 124Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 125Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 126Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 127Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 123
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Cap or cover used to protect the connector interface when not mated
AEC Series
Cover, protective, AEC, 40 way, recept., env. sealed
0504-002-4001
Cap, dust, AEC, 40 way, recept., non-env. sealed
0515-009-4005
Cap, dust, AEC, 40 way, plug, non-env. sealed
0515-010-4005
DRB Series
Cap, dust, DRB, 48 and 60 way, recept., non-env. sealed
3315-015-0005
Cap, dust, DRB, 102 way, recept., non-env. sealed
3315-016-0005
DRC Series
Cover, protective, DRC, 40 way, for recept. w/ sz. 16 contacts, env. sealed
0504-001-4001
Cover, protective, DRC, 40 way, for recept. w/ sz. 20 contacts, env. sealed
0504-003-4001
Cap, dust, DRC, 24 way, for recept. w/ sz. 16 contacts, non-env. sealed
0515-004-2405
Cap, dust, DRC, 24 way, for recept. w/ sz. 20 contacts, non-env. sealed
0515-020-2405
Cap, dust, DRC, 24 way, for plug w/ sz. 16 contacts, non-env. sealed
0515-005-2405
Cap, dust, DRC, 38 way, plug, non-env. sealed
0515-018-5005
Cap, dust, DRC, 40 way, for recept. w/ sz. 16 contacts, non-env. sealed
0515-002-4005
Cap, dust, DRC, 40 way, for plug w/ sz. 16 contacts, non-env. sealed
0515-001-4005
Cap, dust, DRC, 50 or 60 way, plug, non-env. sealed
0515-018-5005
Cap, dust, DRC, 70 way, plug, non-env. sealed
0515-006-7005
Cap, dust, DRC, 70 way, recept., non-env. sealed
0515-007-7005
DT Series
Cover, protective, DT, 2 way, plug, env. sealed
1011-344-0205
Cover, protective, DT, 3 way, plug, env. sealed
1011-345-0305
Cover, protective, DT, 4 way, plug, env. sealed
1011-346-0405
Cover, protective, DT, 6 way, plug, env. sealed
1011-347-0605
Cover, protective, DT, 8 way, plug, env. sealed
1011-348-0805
Cover, protective, DT, 12 way, plug, env. sealed
1011-349-1205
Cover, protective, DT, 12, 15 and 18 way, recept., env. sealed
DT06-12S-B031
HD10 Series
Cover, protective, HD10, 3 way, recept., env. sealed
HDC16-3
Cover, protective, HD10, 3 way, plug, env. sealed
HDC14-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com