Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD36-24-21SN-059 Datasheet(PDF) 125 Page - TE Connectivity Ltd

No. de pieza HD36-24-21SN-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD36-24-21SN-059 Datasheet(HTML) 125 Page - TE Connectivity Ltd

Back Button HD36-24-21SN-059 Datasheet HTML 121Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 122Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 123Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 124Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 125Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 126Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 127Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 128Page - TE Connectivity Ltd HD36-24-21SN-059 Datasheet HTML 129Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 125
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Cover, protective, HDSCS, group E, tab housing, env. sealed
2112297-1
LEAVYSEAL
Cover, protective, LEAVYSEAL, 21 way, tab housing, env. sealed
1-1394052-1
PROTECTIVE COVERS WITH LADD LANYARDS
Cap or cover used to protect the connector interface when not mated that includes a rubber or steel coated Nylon attachment
HD10 Series
Cover, protective, HD10, 3 way, plug, env. sealed, rubber lanyard, gray
HDC14-3-JDL
Cover, protective, HD10, 6 way, plug, env. sealed, rubber lanyard, gray
HDC14-6-JDL
Cover, protective, HD10, 6 way, plug, env. sealed, steel lanyard, gray
HDC14-6-LA
Cover, protective, HD10, 9 way, plug, env. sealed, rubber lanyard, gray
HDC14-9-JDL
Cover, protective, HD10, 3 way, recept., env. sealed, rubber lanyard, gray
HDC16-3-JDL
Cover, protective, HD10, 3 way, recept., env. sealed,steel lanyard, gray
HDC16-3-LA
Cover, protective, HD10, 5 way, recept., env. sealed, steel lanyard, gray
HDC16-5-LA
Cover, protective, HD10, 6 way, recept., env. sealed, rubber lanyard, gray
HDC16-6-JDL
Cover, protective, HD10, 6 way, recept., env. sealed, steel lanyard, gray
HDC16-6-LA
Cover, protective, HD10, 9 way, recept., env. sealed, rubber lanyard, gray
HDC16-9-JDL
Cover, protective, HD10, 9 way, recept., env. sealed, rubber lanyard, black
HDC9-JDL082397
Cover, protective, HD10, 9 way, recept., env. sealed, steel lanyard, gray
HDC16-9-L47N
Cover, protective, HD10, 9 way, recept., env. sealed, steel lanyard, black
HDC16-9-E004-L47N
HDP20 Series
Cover, protective, HDP20, 18 shell, recept., env. sealed, rubber lanyard, black
HDC26-18-JDL
Cover, protective, HDP20, 18 shell, recept., env. sealed, steel lanyard, black
HDC26-18-LA
Cover, protective, HDP20, 24 shell, recept., env. sealed, rubber lanyard, black
HDC26-24-JDL
Cover, protective, HDP20, 24 shell, recept., env. sealed, steel lanyard, black
HDC26-24-LA
Lanyard, rubber
JDL082397
Lanyard, steel, 3/64” x 6” [1.19 x 152.40 mm], nylon coating
L47N-600-1
Lanyard, steel, 3/64” x 16” [1.19 x 406.40 mm], nylon coating
L47N-1600-1
SEALING PLUGS
Solid plug used to fill open cavities to maintain the environmental seal
AMPSEAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com