Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 102 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 98Page - STMicroelectronics STM32G431VB Datasheet HTML 99Page - STMicroelectronics STM32G431VB Datasheet HTML 100Page - STMicroelectronics STM32G431VB Datasheet HTML 101Page - STMicroelectronics STM32G431VB Datasheet HTML 102Page - STMicroelectronics STM32G431VB Datasheet HTML 103Page - STMicroelectronics STM32G431VB Datasheet HTML 104Page - STMicroelectronics STM32G431VB Datasheet HTML 105Page - STMicroelectronics STM32G431VB Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
102/198
DS12589 Rev 6
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator
design guide for ST microcontrollers” available from the ST website www.st.com.
Figure 22. Typical application with a 32.768 kHz crystal
Note:
An external resistor is not required between OSC32_IN and OSC32_OUT and it is forbidden
to add one.
Table 41. LSE oscillator characteristics (fLSE = 32.768 kHz)(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions(2)
2. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator
design guide for ST microcontrollers”.
Min
Typ
Max
Unit
IDD(LSE) LSE current consumption
LSEDRV[1:0] = 00
Low drive capability
-250
-
nA
LSEDRV[1:0] = 01
Medium low drive capability
-315
-
LSEDRV[1:0] = 10
Medium high drive capability
-500
-
LSEDRV[1:0] = 11
High drive capability
-630
-
Gmcritmax
Maximum critical crystal
gm
LSEDRV[1:0] = 00
Low drive capability
--
0.5
µA/V
LSEDRV[1:0] = 01
Medium low drive capability
--
0.75
LSEDRV[1:0] = 10
Medium high drive capability
--
1.7
LSEDRV[1:0] = 11
High drive capability
--
2.7
tSU(LSE)(3)
3.
tSU(LSE) is the startup time measured from the moment it is enabled (by software) to a stabilized
32.768 kHz oscillation is reached. This value is measured for a standard crystal and it can vary significantly
with the crystal manufacturer
Startup time
VDD is stabilized
-
2
-
s
MS30253V2
OSC32_IN
OSC32_OUT
Drive
programmable
amplifier
fLSE
32.768 kHz
resonator
Resonator with integrated
capacitors
CL1
CL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com