Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 106 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 102Page - STMicroelectronics STM32G431VB Datasheet HTML 103Page - STMicroelectronics STM32G431VB Datasheet HTML 104Page - STMicroelectronics STM32G431VB Datasheet HTML 105Page - STMicroelectronics STM32G431VB Datasheet HTML 106Page - STMicroelectronics STM32G431VB Datasheet HTML 107Page - STMicroelectronics STM32G431VB Datasheet HTML 108Page - STMicroelectronics STM32G431VB Datasheet HTML 109Page - STMicroelectronics STM32G431VB Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
106/198
DS12589 Rev 6
5.3.9
PLL characteristics
The parameters given in Table 45 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 17: General operating conditions.
tSTAB(LSI)(2)
LSI oscillator stabilization
time
5% of final frequency
-
125
180
μs
IDD(LSI)(2)
LSI oscillator power
consumption
--
110
180
nA
1. Guaranteed by characterization results.
2. Guaranteed by design.
Table 44. LSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 45. PLL characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(2)
2. Take care of using the appropriate division factor M to obtain the specified PLL input clock
values.
-2.66
-
16
MHz
PLL input clock duty cycle
-
45
-
55
%
fPLL_P_OUT PLL multiplier output clock P
Voltage scaling Range 1
Boost mode
2.0645
-
170
MHz
Voltage scaling Range 1
2.0645
-
150
Voltage scaling Range 2
2.0645
-
26
fPLL_Q_OUT PLL multiplier output clock Q
Voltage scaling Range 1
Boost mode
8-
170
Voltage scaling Range 1
8
-
150
Voltage scaling Range 2
8
-
26
fPLL_R_OUT PLL multiplier output clock R
Voltage scaling Range 1
Boost mode
8-
170
Voltage scaling Range 1
8
-
150
Voltage scaling Range 2
8
-
26
fVCO_OUT PLL VCO output
Voltage scaling Range 1
96
-
344
Voltage scaling Range 2
96
-
128
tLOCK
PLL lock time
-
-
15
40
μs
Jitter
RMS cycle-to-cycle jitter
System clock 150 MHz
-
28.6
-
±ps
RMS period jitter
-
21.4
-
IDD(PLL)
PLL power consumption on
VDD(1)
VCO freq = 96 MHz
-
200
260
μA
VCO freq = 192 MHz
-
300
380
VCO freq = 344 MHz
-
520
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com