Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 113 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 109Page - STMicroelectronics STM32G431VB Datasheet HTML 110Page - STMicroelectronics STM32G431VB Datasheet HTML 111Page - STMicroelectronics STM32G431VB Datasheet HTML 112Page - STMicroelectronics STM32G431VB Datasheet HTML 113Page - STMicroelectronics STM32G431VB Datasheet HTML 114Page - STMicroelectronics STM32G431VB Datasheet HTML 115Page - STMicroelectronics STM32G431VB Datasheet HTML 116Page - STMicroelectronics STM32G431VB Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 198 page
background image
DS12589 Rev 6
113/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 5.2:
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
ΣIVDD (see Table 14: Voltage characteristics).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of
the MCU sunk on VSS, cannot exceed the absolute maximum rating ΣIVSS (see
Table 14: Voltage characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests
performed under the ambient temperature and supply voltage conditions summarized in
Table 17: General operating conditions. All I/Os are CMOS- and TTL-compliant (FT OR TT
unless otherwise specified).
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 26 and
Table 55, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 17: General
operating conditions.
Table 54. Output voltage characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(3) Output low level voltage for an I/O pin CMOS port
|IIO| = 2 mA for FT_c
I/Os = 8 mA for other I/Os VDD
≥ 2.7 V
-0.4
V
VOH(3) Output high level voltage for an I/O pin
VDD-0.4
-
VOL(3) Output low level voltage for an I/O pin TTL port
|IIO| = 2 mA for FT_c
I/Os = 8 mA for other I/Os
VDD ≥ 2.7 V
-0.4
VOH(3) Output high level voltage for an I/O pin
2.4
-
VOL(3) Output low level voltage for an I/O pin All I/Os except FT_c
|IIO| = 20 mA
VDD ≥ 2.7 V
-1.3
VOH(3) Output high level voltage for an I/O pin
VDD-1.3
-
VOL(3) Output low level voltage for an I/O pin |IIO| = 1 mA for FT_c
I/Os = 4 mA for other I/Os
VDD ≥ 1.62 V
-0.4
VOH(3) Output high level voltage for an I/O pin
VDD-0.45
-
VOLFM+
(3)
Output low level voltage for an FT I/O
pin in FM+ mode (FT I/O with “f”
option)
|IIO| = 20 mA
VDD ≥ 2.7 V
-0.4
|IIO| = 10 mA
VDD ≥ 1.62 V
-0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 14:
Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always
respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com