Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 115 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 111Page - STMicroelectronics STM32G431VB Datasheet HTML 112Page - STMicroelectronics STM32G431VB Datasheet HTML 113Page - STMicroelectronics STM32G431VB Datasheet HTML 114Page - STMicroelectronics STM32G431VB Datasheet HTML 115Page - STMicroelectronics STM32G431VB Datasheet HTML 116Page - STMicroelectronics STM32G431VB Datasheet HTML 117Page - STMicroelectronics STM32G431VB Datasheet HTML 118Page - STMicroelectronics STM32G431VB Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 198 page
background image
DS12589 Rev 6
115/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
FM+
Fmax(5)
Maximum
frequency
C=50 pF, 1.6 V≤VDD≤3.6 V
-1
MHz
Tr/TF(4)
Output high to
low level fall
time
-5
ns
1. The I/O speed is configured using the OSPEEDRy[1:0] bits. The Fm+ mode is configured in the
SYSCFG_CFGR1 register. Refer to the reference manual RM0440 "STM32G4 Series advanced Arm®-
based 32-bit MCUs" for a description of GPIO Port configuration register.
2. Guaranteed by design.
3. This value represented the I/O capability but maximum system frequency is 170 MHz.
4. The fall time is defined between 70% and 30% of the output waveform accordingly to I2C specification.
5. The maximum frequency is defined with the following conditions:
- (Tr+ Tf) ≤ 2/3 T.
- 45%<Duty cycle<55%
Table 56. I/O FT_c AC characteristics(1) (2)
1. The I/O speed is configured using the OSPEEDRy[1:0] bits. The Fm+ mode is configured in the
SYSCFG_CFGR1 register. Refer to the reference manual RM0440 "STM32G4 Series advanced Arm®-
based 32-bit MCUs" for a description of GPIO Port configuration register.
2. Guaranteed by design.
Speed Symbol
Parameter
Conditions
Min
Max
Unit
0
Fmax
Maximum
frequency
C=50 pF, 2.7 V≤VDD≤3.6 V
-
2
MHz
C=50 pF, 1.6 V≤VDD≤2.7 V
-
1
Tr/Tf
Output H/L to
L/H level fall
time
C=50 pF, 2.7 V≤VDD≤3.6 V
-
170
ns
C=50 pF, 1.6 V≤VDD≤2.7 V
-
330
1
Fmax
Maximum
frequency
C=50 pF, 2.7 V≤VDD≤3.6 V
-
10
MHz
C=50 pF, 1.6 V≤VDD≤2.7 V
-
5
Tr/Tf
Output H/L to
L/H level fall
time
C=50 pF, 2.7 V≤VDD≤3.6 V
-
35
ns
C=50 pF, 1.6 V≤VDD≤2.7 V
-
65
Table 55. I/O (except FT_c) AC characteristics(1) (2) (continued)
Speed Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com