Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 118 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 114Page - STMicroelectronics STM32G431VB Datasheet HTML 115Page - STMicroelectronics STM32G431VB Datasheet HTML 116Page - STMicroelectronics STM32G431VB Datasheet HTML 117Page - STMicroelectronics STM32G431VB Datasheet HTML 118Page - STMicroelectronics STM32G431VB Datasheet HTML 119Page - STMicroelectronics STM32G431VB Datasheet HTML 120Page - STMicroelectronics STM32G431VB Datasheet HTML 121Page - STMicroelectronics STM32G431VB Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
118/198
DS12589 Rev 6
5.3.18
Analog-to-digital converter characteristics
Unless otherwise specified, the parameters given in Table 60 are preliminary values derived
from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage
conditions summarized in Table 17: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 60. ADC characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
-1.62
-
3.6
V
VREF+
Positive
reference
voltage
VDDA ≥ 2 V
2
-
VDDA
V
VDDA < 2 V
VDDA
V
VREF-
Negative
reference
voltage
-VSSA
V
VCMIN
Input common
mode
Differential
(VREF++VREF-
)/2 - 0.18
(VREF+ +
VREF-)/2
(VREF+ + VREF-
)/2 + 0.18
V
fADC
ADC clock
frequency
Range 1, single
ADC operation
0.14
-
60
MHz
Range 2
-
-
26
Range 1, all ADCs
operation, single
ended mode
VDDA ≥ 2.7 V
0.14
-
52
Range 1, all ADCs
operation, single
ended mode
VDDA ≥ 1.62 V
0.14
-
42
Range 1, all ADCs
operation,
differential mode
VDDA ≥ 1.62 V
0.14
-
56
fs
Sampling rate,
continuous mode
For given
resolution and
sampling time
cycles (ts)
0.001
fADC / (sampling time
[cycles] + resolution [bits] +
0.5)
Msps
TTRIG
External trigger
period
Considering trigger
conversion latency
time (tLATR or
tLATRINJ)
--
1ms
-
Resolution =
12 bits,
fADC=60 MHz
tconv + [tLATR
or tLATRINJ]
-
VAIN (3)
Conversion
voltage range
-0
-
VREF+
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com