Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 143 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 139Page - STMicroelectronics STM32G431VB Datasheet HTML 140Page - STMicroelectronics STM32G431VB Datasheet HTML 141Page - STMicroelectronics STM32G431VB Datasheet HTML 142Page - STMicroelectronics STM32G431VB Datasheet HTML 143Page - STMicroelectronics STM32G431VB Datasheet HTML 144Page - STMicroelectronics STM32G431VB Datasheet HTML 145Page - STMicroelectronics STM32G431VB Datasheet HTML 146Page - STMicroelectronics STM32G431VB Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 198 page
background image
DS12589 Rev 6
143/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
5.3.21
Comparator characteristics
Table 73. COMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
VBG(2)
Scaler input voltage
-
VREFINT
VSC(3)
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER)
Scaler static consumption from
VDDA
BRG_EN=0 (bridge disable)
-
200
300
nA
BRG_EN=1 (bridge enable)
-
0.8
1
µA
tSTART_SCALER Scaler startup time
-
-
100
200
µs
tSTART
Comparator startup time to
reach propagation delay
specification
--
-
5
µs
tD(4)
Propagation delay for 200 mV
step with 100 mV overdrive
50pF load on
output
VDDA < 2.7 V
-
-
35
ns
VDDA ≥2.7 V
-
16.7
31
ns
Voffset(3)
Comparator offset error
Full VDDA voltage range, full
temperature range
-9
-6/+2
3
mV
Vhys
Comparator hysteresis
HYST[2:0] = 0
-
0
-
mV
HYST[2:0] =1
4
9
16
HYST[2:0] = 2
7
18
32
HYST[2:0] = 3
11
27
47
HYST[2:0] = 4
15
36
63
HYST[2:0] = 5
19
45
79
HYST[2:0] = 6
23
54
95
HYST[2:0] = 7
26
63
110
IDDA(COMP)
Comparator consumption from
VDDA
Static
-
450
720
µA
With 50 kHz ±100 mV overdrive
square signal
-450
-
1. Guaranteed by design, unless otherwise specified.
2. Refer to Table 20: Embedded internal voltage reference.
3. Guaranteed by characterization results.
4. Typical value (3V) is an average for all comparators propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com