Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 144 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 140Page - STMicroelectronics STM32G431VB Datasheet HTML 141Page - STMicroelectronics STM32G431VB Datasheet HTML 142Page - STMicroelectronics STM32G431VB Datasheet HTML 143Page - STMicroelectronics STM32G431VB Datasheet HTML 144Page - STMicroelectronics STM32G431VB Datasheet HTML 145Page - STMicroelectronics STM32G431VB Datasheet HTML 146Page - STMicroelectronics STM32G431VB Datasheet HTML 147Page - STMicroelectronics STM32G431VB Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
144/198
DS12589 Rev 6
5.3.22
Operational amplifiers characteristics
Table 74. OPAMP characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
2
3.3
3.6
V
CMIR
Common mode input
range
-0
-
VDDA
V
VIOFFSET
Input offset voltage
25 °C, No Load on output.
-
-
±1.5
mV
All voltage/temperature.
-
-
±3
∆VIOFFSET
Input offset voltage
drift
--
±10
-
μV/°C
TRIMOFFSE
TP
Offset trim step at low
common input voltage
(0.1 ₓ VDDA)
--
1.1
1.2
mV
TRIMOFFSE
TN
Offset trim step at high
common input voltage
(0.9 ₓ VDDA)
--
1.3
1.65
ILOAD
Drive current
-
-
-
500
µA
ILOAD_PGA
Drive current in PGA
mode
-
-
-
270
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode
rejection ratio
--
60
-
dB
PSRR
Power supply rejection
ratio
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ DC Vcom=VDDA/2
-80-
dB
GBW
Gain Bandwidth
Product
100mV ≤ Output dynamic range ≤ VDDA -
100mV
713
-
MHz
SR(3)
Slew rate
(from 10 and 90% of
output voltage)
Normal mode
2.5
6.5
-
V/µs
High-speed mode
18
45
-
AO
Open loop gain
100mV ≤ Output dynamic range ≤ VDDA -
100mV
65
95
-
dB
200mV ≤ Output dynamic range ≤ VDDA -
200mV
75
95
-
VOHSAT(3)
High saturation
voltage
Iload = max or Rload = min Input at VDDA.
Follower mode
VDDA
- 100
--
mV
VOLSAT(3)
Low saturation voltage
Iload = max or Rload = min Input at 0.
Follower mode
-
-
100
φm
Phase margin
Follower mode, Vcom=VDDA/2
-
65
-
°
GM
Gain margin
Follower mode, Vcom=VDDA/2
-
10
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com