Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 149 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 145Page - STMicroelectronics STM32G431VB Datasheet HTML 146Page - STMicroelectronics STM32G431VB Datasheet HTML 147Page - STMicroelectronics STM32G431VB Datasheet HTML 148Page - STMicroelectronics STM32G431VB Datasheet HTML 149Page - STMicroelectronics STM32G431VB Datasheet HTML 150Page - STMicroelectronics STM32G431VB Datasheet HTML 151Page - STMicroelectronics STM32G431VB Datasheet HTML 152Page - STMicroelectronics STM32G431VB Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 198 page
background image
DS12589 Rev 6
149/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
5.3.25
Timer characteristics
The parameters given in the following tables are guaranteed by design.
Refer to Section 5.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 78. TIMx(1) characteristics(2)
1. TIMx, is used as a general term in which x stands for 1,2,3,4,6,7,8,15,16, or 17.
2. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 170 MHz
5.88
-
ns
fEXT
Timer external clock
frequency on CH1 to
CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 170 MHz
0
85
MHz
ResTIM
Timer resolution
TIMx (except TIM2)
-
16
bit
TIM2
-
32
tCOUNTER
16-bit counter clock
period
-
1
65536
tTIMxCLK
fTIMxCLK = 170 MHz
0.00588
385.5
µs
tMAX_COUNT
Maximum possible
count with 32-bit
counter
-
-
65536 × 65536
tTIMxCLK
fTIMxCLK = 170 MHz
-
25.26
s
fENC
Encoder frequency on
TI1 and TI2 input pins
-0
fTIMxCLK/4
MHz
fTIMxCLK = 170MHz
0
42.5
MHz
tW(INDEX)
Index pulsewidth on
ETR input
-2
-
Tck
tW(TI1, TI2)
Min pulsewidth
on TI1 and TI2 inputs
in all encoder modes
except directional
clock x1
-2
-
Tck
Min pulsewidth
on TI1 and TI2 inputs
in directional clock x1
-3
-
Tck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com