Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 151 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 147Page - STMicroelectronics STM32G431VB Datasheet HTML 148Page - STMicroelectronics STM32G431VB Datasheet HTML 149Page - STMicroelectronics STM32G431VB Datasheet HTML 150Page - STMicroelectronics STM32G431VB Datasheet HTML 151Page - STMicroelectronics STM32G431VB Datasheet HTML 152Page - STMicroelectronics STM32G431VB Datasheet HTML 153Page - STMicroelectronics STM32G431VB Datasheet HTML 154Page - STMicroelectronics STM32G431VB Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 198 page
background image
DS12589 Rev 6
151/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
The SDA and SCL I/O requirements are met with the following restrictions:
•
The SDA and SCL I/O pins are not “true” open-drain. When configured as open-drain,
the PMOS connected between the I/O pin and VDDIOx is disabled, but is still present.
•
The 20mA output drive requirement in Fast-mode Plus is supported partially. This limits
the maximum load Cload supported in Fm+, which is given by these formulas:
–tr(SDA/SCL)=0.8473 x Rp x Cload
–Rp(min)= (VDD - VOL(max)) / IOL(max)
Where Rp is the I2C lines pull-up. Refer to Section 5.3.14: I/O port characteristics for the
I2C I/Os characteristics.
All I2C SDA and SCL I/Os embed an analog filter. Refer to Table 82 below for the analog
filter characteristics:
SPI characteristics
Unless otherwise specified, the parameters given in Table 83 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 17: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 81. Minimum I2CCLK frequency in all I2C modes
Symbol
Parameter
Condition
Min
Unit
f(I2CCLK)
I2CCLK
frequency
Standard mode
2
MHz
Fast-mode
Analog Filtre ON
DNF=0
8
Analog Filtre OFF
DNF=1
9
Fast-mode
Plus
Analog Filtre ON
DNF=0
17
Analog Filtre OFF
DNF=1
16
Table 82. I2C analog filter characteristics(1)
1. Guaranteed by design.
Symbol
Parameter
Min
Max
Unit
tAF
Maximum pulse width of spikes that
are suppressed by the analog filter
50(2)
2. Spikes with widths below tAF(min) are filtered.
90(3)
3. Spikes with widths above tAF(max) are not filtered
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com