Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 159 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 155Page - STMicroelectronics STM32G431VB Datasheet HTML 156Page - STMicroelectronics STM32G431VB Datasheet HTML 157Page - STMicroelectronics STM32G431VB Datasheet HTML 158Page - STMicroelectronics STM32G431VB Datasheet HTML 159Page - STMicroelectronics STM32G431VB Datasheet HTML 160Page - STMicroelectronics STM32G431VB Datasheet HTML 161Page - STMicroelectronics STM32G431VB Datasheet HTML 162Page - STMicroelectronics STM32G431VB Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 198 page
background image
DS12589 Rev 6
159/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
USB characteristics
The device USB interface is fully compliant with the USB specification version 2.0 and is
USB-IF certified (for Full-speed device operation).
USART interface characteristics
Unless otherwise specified, the parameters given in Table 87 for USART are derived from
tests performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 87, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30 pF
•
Measurement points are done at CMOS levels: 0.5 VDD
Refer to Section 5.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, CK, TX, RX for USART).
Table 86. USB electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
USB transceiver operating voltage
3.0(2)
-3.6
V
tCrystal_less USB crystal less operation temperature
-15
-
85
°C
RPUI
Embedded USB_DP pull-up value during idle
900
1250
1500
Ω
RPUR
Embedded USB_PD pull-up value during reception
1400
2300
3200
ZsDRV(3)
Output driver impedance(4)
Driving high and low
28
36
44
Ω
1. TA = -40 to 125 °C unless otherwise specified.
2. The device USB functionality is ensured down to 2.7 V but not the full USB electrical characteristics, which are degraded in
the 2.7-to-3.0 V voltage range.
3. Guarantee by design.
4. No external termination series resistors are required on USB_PD (D+) and USB_DM (D-); the matching impedance is
already included in the embedded driver.
Table 87. USART electrical characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCK
USART clock frequency
Master mode
-
-
21
MHz
Slave mode
-
-
22
tsu(NSS)
NSS setup time
Slave mode
tker + 2
-
-
ns
th(NSS)
NSS hold time
Slave mode
2
-
-
tw(CKH)
tw(CKL)
CK high and low time
Master mode
1/fck/2-1
1/fck/2
1/fck/2+1 ns
tsu(RX)
Data input setup time
Master mode
tker + 2
-
-
ns
Slave mode
2
-
-
th(RX)
Data input hold time
Master mode
1
-
-
Slave mode
0.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com