Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 160 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 156Page - STMicroelectronics STM32G431VB Datasheet HTML 157Page - STMicroelectronics STM32G431VB Datasheet HTML 158Page - STMicroelectronics STM32G431VB Datasheet HTML 159Page - STMicroelectronics STM32G431VB Datasheet HTML 160Page - STMicroelectronics STM32G431VB Datasheet HTML 161Page - STMicroelectronics STM32G431VB Datasheet HTML 162Page - STMicroelectronics STM32G431VB Datasheet HTML 163Page - STMicroelectronics STM32G431VB Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
160/198
DS12589 Rev 6
5.3.27
UCPD characteristics
UCPD1 controller complies with USB Type-C Rev.1.2 and USB Power Delivery Rev. 3.0
specifications.
tv(TX)
Data output valid time
Master mode
-
0.5
1.5
ns
Slave mode
-
10
22
th(RX)
Data output hold time
Master mode
0
-
-
Slave mode
7
-
-
1. Based on characterization, not tested in production.
Table 87. USART electrical characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 88. UCPD characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
UCPD operating supply voltage
Sink mode only
3.0
3.3
3.6
V
Sink and source mode
3.135
3.3
3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com