Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 191 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 187Page - STMicroelectronics STM32G431VB Datasheet HTML 188Page - STMicroelectronics STM32G431VB Datasheet HTML 189Page - STMicroelectronics STM32G431VB Datasheet HTML 190Page - STMicroelectronics STM32G431VB Datasheet HTML 191Page - STMicroelectronics STM32G431VB Datasheet HTML 192Page - STMicroelectronics STM32G431VB Datasheet HTML 193Page - STMicroelectronics STM32G431VB Datasheet HTML 194Page - STMicroelectronics STM32G431VB Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 198 page
background image
DS12589 Rev 6
191/198
STM32G431x6 STM32G431x8 STM32G431xB
Package information
193
6.10.1
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (Still Air). Available from www.jedec.org
ΘJC
Thermal resistance junction-case
LQFP100 - 14 × 14 mm
10.3
°C/W
Thermal resistance junction-case
LQFP80 - 12 × 12 mm
10.3
Thermal resistance junction-case
LQFP64 - 10 × 10 mm
10.1
Thermal resistance junction-case
LQFP48 - 7 × 7 mm
11.9
Thermal resistance junction-case
LQFP32 - 7 × 7 mm
11.9
Thermal resistance junction-case
UFBGA64 - 5 × 5 mm
14.78
Thermal resistance junction-case
UFQFPN48 - 7 × 7 mm
3.1(1)
9.4
Thermal resistance junction-case
UFQFPN32 - 5 × 5 mm
3.4(1)
14.2
Thermal resistance junction-case
WLCSP49 - pitch 0.4
2.33
ΘJB
Thermal resistance junction-board
LQFP100 - 14 × 14 mm
25.7
°C/W
Thermal resistance junction-board
LQFP80 - 12 × 12 mm
25.1
Thermal resistance junction-board
LQFP64 - 10 × 10 mm
24.7
Thermal resistance junction-board
LQFP48 - 7 × 7 mm
27.7
Thermal resistance junction-board
LQFP32 - 7 × 7 mm
27.7
Thermal resistance junction-board
UFBGA64 - 5 × 5 mm
22.5
Thermal resistance junction-board
UFQFPN48 - 7 × 7 mm
15.7
Thermal resistance junction-board
UFQFPN32 - 5 × 5 mm
18.6
Thermal resistance junction-board
WLCSP49 - pitch 0.4
38.12
1. Thermal resistance junction-case where the case is the bottom thermal pad on the UFQFPN package.
Table 100. Package thermal characteristics (continued)
Symbol
Parameter
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com