Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32G431VB Datasheet(PDF) 194 Page - STMicroelectronics

No. de pieza STM32G431VB
Descripción Electrónicos  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431VB Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32G431VB Datasheet HTML 190Page - STMicroelectronics STM32G431VB Datasheet HTML 191Page - STMicroelectronics STM32G431VB Datasheet HTML 192Page - STMicroelectronics STM32G431VB Datasheet HTML 193Page - STMicroelectronics STM32G431VB Datasheet HTML 194Page - STMicroelectronics STM32G431VB Datasheet HTML 195Page - STMicroelectronics STM32G431VB Datasheet HTML 196Page - STMicroelectronics STM32G431VB Datasheet HTML 197Page - STMicroelectronics STM32G431VB Datasheet HTML 198Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 194 / 198 page
background image
Ordering information
STM32G431x6 STM32G431x8 STM32G431xB
194/198
DS12589 Rev 6
7
Ordering information
For a list of available options (memory, package, and so on) or for further information on any
aspect of this device, contact the nearest ST sales office.
Table 101. Ordering information scheme
Example:
STM32 G
431
V
B
T
6
xxx
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
G = General-purpose
Sub-family
431 = STM32G431x6/x8/xB
Pin count
K = 32 pins
C = 48/49 pins
R = 64 pins
M = 80 pins
V = 100 pins
Code size
6 = 32 Kbytes
8 = 64 Kbytes
B = 128 Kbytes
Package
I = UFBGA
T = LQFP
U = UFQFPN
Y = WLCSP
Temperature range
6 = Industrial temperature range, - 40 to 85 °C (105 °C junction)
3 = Industrial temperature range, - 40 to 125 °C (130 °C junction)
Options
xxx = programmed parts
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com