Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 104 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 100Page - STMicroelectronics STM32L4R5VG Datasheet HTML 101Page - STMicroelectronics STM32L4R5VG Datasheet HTML 102Page - STMicroelectronics STM32L4R5VG Datasheet HTML 103Page - STMicroelectronics STM32L4R5VG Datasheet HTML 104Page - STMicroelectronics STM32L4R5VG Datasheet HTML 105Page - STMicroelectronics STM32L4R5VG Datasheet HTML 106Page - STMicroelectronics STM32L4R5VG Datasheet HTML 107Page - STMicroelectronics STM32L4R5VG Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 306 page
background image
-
-----
B11 B11
---
--
B11
PI1
I/O
FT
-
SPI2_SCK, DCMI_D8,
EVENTOUT
-
-
-----
B10 B10
---
--
B10
PI2
I/O
FT
-
TIM8_CH4,
SPI2_MISO,
DCMI_D9,
EVENTOUT
-
-
-----
C10 C10
---
--
C10
PI3
I/O
FT
-
TIM8_ETR,
SPI2_MOSI,
DCMI_D10,
EVENTOUT
-
-
-----
D10 D10
---
--
D10
PI4
I/O
FT
-
TIM8_BKIN,
DCMI_D5,
EVENTOUT
-
-
-----
E10 E10
---
--
E10
PI5
I/O
FT
-
TIM8_CH1,
OCTOSPIM_P2_NCS,
DCMI_VSYNC,
EVENTOUT
-
-
-----
C9
C9
---
--
C9
PH13
I/O
FT
-
TIM8_CH1N,
CAN1_TX,
EVENTOUT
-
-
-----
B9
B9
---
--
B9
PI6
I/O
FT
-
TIM8_CH2,
OCTOSPIM_P2_CLK,
DCMI_D6,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More