Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L4R5VG Datasheet(PDF) 107 Page - STMicroelectronics

No. de pieza STM32L4R5VG
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 103Page - STMicroelectronics STM32L4R5VG Datasheet HTML 104Page - STMicroelectronics STM32L4R5VG Datasheet HTML 105Page - STMicroelectronics STM32L4R5VG Datasheet HTML 106Page - STMicroelectronics STM32L4R5VG Datasheet HTML 107Page - STMicroelectronics STM32L4R5VG Datasheet HTML 108Page - STMicroelectronics STM32L4R5VG Datasheet HTML 109Page - STMicroelectronics STM32L4R5VG Datasheet HTML 110Page - STMicroelectronics STM32L4R5VG Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 306 page
background image
82
B9
B9
115
115
C5
C8
C8
84
117
B8
C5
C5
C8
PD1
I/O
FT
-
SPI2_SCK,
DFSDM1_CKIN7,
CAN1_TX, LCD_B5,
FMC_D3, EVENTOUT
-
83
C8
C8
116
116
B5
D8
D8
85
118
D8
B5
B5
D8
PD2
I/O
FT
-
TRACED2,
TIM3_ETR,
USART3_RTS_DE,
UART5_RX,
TSC_SYNC,
DCMI_D11,
SDMMC1_CMD,
EVENTOUT
-
84
B8
B8
117
117
D6
E8
E8
86
119
A8
D6
D6
E8
PD3
I/O
FT
-
SPI2_SCK, DCMI_D5,
SPI2_MISO,
DFSDM1_DATIN0,
USART2_CTS_NSS,
OCTOSPIM_P2_NCS,
LCD_CLK, FMC_CLK,
EVENTOUT
-
85
B7
B7
118
118
C6
C7
C7
87
120
C7
C6
C6
C7
PD4
I/O
FT
-
SPI2_MOSI,
DFSDM1_CKIN0,
USART2_RTS_DE,
OCTOSPIM_P1_IO4,
FMC_NOE,
EVENTOUT
-
Table 15. STM32L4Rxxx pin definitions (continued)
Pin number
STM32L4R5xxx, STM32L4R7xxx
STM32L4R9xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More