Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 121 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 117Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 118Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 121Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 122Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 123Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 124Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 185 page
background image
DS14736 Rev 1
121/185
STM32WBA6xxx
Electrical characteristics
169
IDD(Stop 2)
Supply current in Stop 2 mode,
SRAM2 retained, ULPMEN = 1
SMPS Range 2
1.8 V
8.24
20.81
57.36
µA
2.4 V
6.46
16.26
44.93
3.0 V
5.48
13.83
38.07
3.3 V
5.30
13.28
36.28
3.6 V
5.58
13.52
36.09
Supply current in Stop 2 mode,
ICACHE retained, ULPMEN = 1
1.8 V
7.67
19.46
53.60
2.4 V
6.03
15.24
42.00
3.0 V
5.12
12.97
35.74
3.3 V
4.98
12.46
34.01
3.6 V
5.26
12.74
33.94
1. Evaluated by characterization, not tested in production, unless otherwise specified.
Table 52. Current consumption in Stop 2 mode(1) (continued)
Symbol
Parameter
Conditions
Typ
Unit
--
VDD
25 °C
55 °C
85 °C
Table 53. Current consumption in Standby retention mode(1)
Symbol
Parameter
Conditions
Typ
-
-
Unit
-
-
VDD
25 °C
55 °C
85 °C
IDD(Standby
with
retention)
Supply current in Standby
retention mode,
all retention (SRAM1 448K +
SRAM2 64K + Radio),
ULPMEN = 1
LDO
-
1.8 V
7.91
15.30
43.40
μA
2.4 V
9.14
15.70
43.70
3.0 V
8.88
17.00
46.70
3.3 V
14.20
18.40
39.40
3.6 V
15.40
21.20
41.40
Supply current in Standby
retention mode,
SRAM2 retained,
ULPMEN = 1
1.8 V
4.84
4.79
12.00
2.4 V
4.13
4.94
12.10
3.0 V
2.63
5.44
13.00
3.3 V
2.53
6.19
14.40
3.6 V
2.30
7.45
16.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com