Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 123 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 119Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 120Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 121Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 122Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 123Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 124Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 125Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 126Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 185 page
background image
DS14736 Rev 1
123/185
STM32WBA6xxx
Electrical characteristics
169
Table 54. Current consumption in Standby mode(1)
Symbol
Parameter
Conditions
Typ
Unit
-
VDD
25 °C
55 °C
85 °C
IDD(Standby)
Supply current in Standby
mode, all peripherals
disabled
ULPMEN = 1
1.8 V
0.12
0.37
1.43
μA
2.4 V
0.15
0.42
1.54
3.0 V
0.22
0.60
1.99
3.3 V
0.39
0.93
2.60
3.6 V
0.87
1.76
3.76
ULPMEN = 0
1.8 V
1.24
1.49
2.53
2.4 V
1.58
1.86
2.93
3.0 V
1.97
2.36
3.67
3.3 V
2.30
2.85
4.43
3.6 V
2.95
3.85
5.71
Supply current in Standby
mode, IWDG enabled
Clocked by LSI1,
ULPMEN = 0
1.8 V
1.46
1.72
2.75
2.4 V
1.87
2.15
3.23
3.0 V
2.34
2.73
4.04
3.3 V
2.71
3.26
4.85
3.6 V
3.40
4.28
6.22
Clocked by
LSI1/128,
ULPMEN = 0
1.8 V
1.33
1.59
2.62
2.4 V
1.69
1.96
3.04
3.0 V
2.09
2.48
3.79
3.3 V
2.42
2.97
4.57
3.6 V
3.07
3.95
5.89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com