Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 130 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 126Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 127Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 128Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 129Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 130Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
130/185
DS14736 Rev 1
5.3.10
External clock source characteristics
High-speed external clock
The high-speed external (HSE32) clock can be supplied with a 32 MHz crystal or a clock
source.
The devices include internal programmable capacitances that can be used to trim the crystal
frequency, to compensate the PCB parasitic one.
Table 58. Regulator modes transition times(1)
Symbol
Parameter
Conditions
Typ
Unit
tLDO
SMPS to LDO transition time
Range 2
21.5
µs
Range 1
17.2
tSMPS
LDO to SMPS transition time
Range 2
21.1
Range 1
20.2
tVOST(2)
Range 2 to range 1
LDO
47.3
SMPS
53.9
Range 1 to range 2(3)
LDO
39
SMPS
39.8
1. Evaluated by characterization, not tested in production, unless otherwise specified.
2. Time for ACTVOSRDY in PWR_SVMSR to indicate selected new VOS range.
3. VOSRDY remains at 1 on a transition from range 1 to range 2.
Table 59. Wake-up time using USART/LPUART(1)
Symbol
Parameter
Typ
Max
Unit
,tWUUSART
tWULPUART
Wake-up time needed to calculate the maximum USART/LPUART
baudrate needed to wake up from Stop mode when USART/LPUART
kernel clock source is HSI16
-tsu(HSI16) max
µs
1. Specified by design, not tested in production.
Table 60. HSE32 crystal requirements(1)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fHSE
Oscillator frequency(2)
--
32
-
MHz
fTOL
Frequency tolerance(3)
includes initial accuracy, stability over
temperature, aging, and frequency
pulling due to incorrect load
capacitance
Bluetooth
Low Energy
-50
-
50
ppm
IEEE802.15.4
-40
-
40
CL
Load capacitance
-
8
-
18
pF
CO
Shunt capacitance
-
-
-
4
ESR
Equivalent series resistance
-
60
-
150
Ω
Cbank
Capacitor bank range
-
6.6
-
23.6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com