Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 133 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 129Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 130Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 131Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 132Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 133Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 134Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 135Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 136Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 185 page
background image
DS14736 Rev 1
133/185
STM32WBA6xxx
Electrical characteristics
169
5.3.11
Internal clock source characteristics
The parameters given in the following tables are derived under ambient operating
temperature and supply voltage conditions summarized in Table 30.
High-speed internal (HSI16) RC oscillator
Table 63. LSE external clock bypass mode characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
External clock source
frequency(2)
-
32.000
32.768
-
kHz
fTOL
Frequency tolerance
includes initial accuracy and
stability over temperature
Bluetooth Low Energy
-500
-
500
ppm
Thread CSL
-225
-
225
VIL
OSC32_IN input
low level voltage
-
-
-
0.3 x VDD
V
VIH
OSC32_IN input
high level voltage
-
0.7 x VDD
--
V
tw(LSEH)
tw(LSEL)
OSC32_IN input high or low
time for square signal
-10
-
-
µs
1. Specified by design, not tested in production.
2. fLSE = 1/tLSE.
Table 64. HSI16 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI16
Frequency after factory calibration
VDD = 3.0 V, TJ = 30 °C
calibrated during production
15.92
16
16.08
MHz
1.71 V ≤ VDD ≤ 3.6 V,
TJ = -10 to 100 °C(1)
15.84
16
16.16
1.71 V ≤ VDD ≤ 3.6 V,
TJ = -40 to 130 °C (1)
15.65
16
16.35
TRIM(2)
User trimming step
-
18
29
40
kHz
DuCyHSI16(2)
Duty cycle
-
45
-
55
%
tsu(HSI16)(2)
Startup time
-
-
2.5
3.6
μs
tstab(HSI16)(2)
Stabilization time
-
-
4
6
IDD(HSI16)(2)
Power consumption
-
-
150
210
μA
1. Evaluated by characterization, not tested in production, unless otherwise specified. It does not take into account package
and soldering effects.
2. Specified by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com