Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 150 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 146Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 147Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 151Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 152Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 153Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
150/185
DS14736 Rev 1
8 bits
47
45
3.5
3.5
68
46
100
48
150
53
220
59
330
69
7.5
470
81
680
101
7.5
1000
130
1500
177
12.5
2200
242
12.5
19.5
3300
345
4700
475
19.5
39.5
6800
670
39.5
10000
963
79.5
15000
1417
79.5
22000
2040
814.5
33000
2995
814.5
47000
4158
6 bits
47
32
1.5
3.5
68
32
100
33
150
35
220
37
330
41
470
49
3.5
680
61
1000
79
7.5
1500
106
7.5
2200
146
12.5
3300
207
4700
286
12.5
19.5
6800
404
19.5
39.5
10000
584
39.5
Table 84. Maximum RAIN for 12-bit ADC4(1)(2)(3) (continued)
Resolution
RAIN (Ω)
Sampling time (ns)
Sampling cycles at 35 MHz
Sampling cycles at 55 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com