Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 152 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 148Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 149Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 150Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 151Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 152Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 153Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 154Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 155Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
152/185
DS14736 Rev 1
Figure 28. Typical connection diagram when using the ADC
with FT/TT pins featuring analog switch function
1. Refer to Table 83 for the values of RAIN and CADC.
2. Cparasitic represents the PCB capacitance (dependent on soldering and PCB layout quality) plus the pad
capacitance (refer to Table 75 for the value of the pad capacitance). A high Cparasitic value downgrades the
conversion accuracy. As a remedy, reduce fADC.
3. Refer to Table 75 for the values of Ilkg.
4. Refer to Figure 18, Figure 19, and Figure 20.
5.3.23
Temperature sensor characteristics
MSv67871V3
Sample-and-hold ADC converter
Converter
Cparasitic
(2)
Ilkg
(3)
CADC
VDDA
(4)
RAIN
(1)
VAIN
RADC
VREF+
(4)
VSSA
I/O
analog
switch
Sampling
switch with
multiplexing
VSS
VSS
Table 86. Temperature sensor characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)(2)
VSENSE linearity with temperature
-
-
1.3
°C
Avg_Slope(3)
Average slope
2
2.5
3.0
mV/ °C
VSENSE30(4)
VSENSE at VREF+ = VDDA = 3.0 V (±10 mV) and 30 °C (±1 °C)
700
742
800
mV
(Vcontinous0 -
Vsampling)(2)
Voltage difference between continuous and sampling modes(5)
-10
-
+4
mV
tSTART(TS_BUF)(2) Sensor buffer startup time
-
1
10
µs
tS_temp(2)
ADC sampling time when reading the temperature
13
-
-
µs
IDD(TS)(2)
Consumption from VDD, when selected by ADC
-
14
20
µA
1. VSENSE linearity depends upon calibration points. When using TS_CALx calibration points, linearity within the calibration
limits is degraded by
±5 °C. Linearity outside the calibration limits is degraded more, due to the extrapolation.
2. Specified by design, not tested in production.
3. Evaluated by characterization, not tested in production, unless otherwise specified.
4. The VSENSE30 ADC4 conversion result is stored in the TS_CAL1 field.
5. The temperature sensor is in continuous mode when the regulator is in range 1, in sampling mode when the regulator is in
range 2 or the device is in Stop 1 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com