Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 173 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 173 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 169Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 170Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 171Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 172Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 173Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 174Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 175Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 176Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 185 page
background image
DS14736 Rev 1
173/185
STM32WBA6xxx
Package information
181
6.3
VFQFPN68 package information (B029)
This VFQFPN is a 68 pins, 8 x 8 mm, 0.4 mm pitch, very thin fine pitch quad flat package.
Figure 44. VFQFPN68 - Outline
1. VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Packages No lead. Sawed
version. Very thin profile: 0.80 < A ≤ 1.00mm.
2. The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other
feature of package body. Exact shape and size of this feature is optional.
C
D
E
TOP VIEW
PIN 1 IDENTIFIER
LASER MARKING
68 67
1
2
(2X)
0.10 C
D2
E2
68 67
2
1
PIN 1 ID
C 0.30 X 45'
e
b
BOTTOM VIEW
L
EXPOSED PAD AREA
SIDE VIEW
E
SEATING
PLANE
ddd C
A
A1
A2
B029_VFQFPN68_ME_V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com