Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32WBA64CIF6TR Datasheet(PDF) 176 Page - STMicroelectronics

No. de pieza STM32WBA64CIF6TR
Descripción Electrónicos  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CIF6TR Datasheet(HTML) 176 Page - STMicroelectronics

Back Button STM32WBA64CIF6TR Datasheet HTML 172Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 173Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 174Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 175Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 176Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 177Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 178Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 179Page - STMicroelectronics STM32WBA64CIF6TR Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 185 page
background image
Package information
STM32WBA6xxx
176/185
DS14736 Rev 1
,
Example of device marking for thin WLCSP88
Figure 47 gives an example of the locations and orientation of the marking areas versus ball
A1, and allows engineering samples to be identified.
With the device text markings oriented as shown below, ball A1 is always located at top left.
Table 104. Thin WLCSP88 - Mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A(2)
2. The profile height A is the distance from the seating plane to the highest point on the package. It is
measured perpendicular to the seating plane.
-
-
0.50
-
-
0.0197
A1(3)
3. A1 is defined as the distance from the seating plane to the lowest point on the package body.
0.12
-
-
0.0047
-
-
A2
-
0.30
-
-
0.0118
-
A3
-
0.025
-
-
0.0010
-
b(4)
4. Dimension b is measured at the maximum diameter of the terminal (ball) in a plane parallel to Datum C.
0.20
0.23
0.25
0.0079
0.0091
0.0098
D(5)
5. BSC stands for BASIC dimensions. It corresponds to the nominal value and has no tolerance. For
tolerances, refer to form and position table. On the drawing, these dimensions are framed. For the
tolerances, refer to form and position values.
3.78 BSC
0.1488 BSC
D1(5)
3.03 BSC
0.1193 BSC
E(5)
3.46 BSC
0.1362 BSC
E1(5)
2.80 BSC
0.1102 BSC
eD(5)(6)
6. e represents the solder balls grid pitch(es).
0.61 BSC
0.0240 BSC
eE(5)(6)
0.35 BSC
0.0138 BSC
eS(5)(6)
0.35 BSC
0.0138 BSC
N(7)
7. N represents the total number of balls.
88
SD(5)(8)
8. Basic dimensions SD & SE are defining the ball matrix position with respect to datums A and B.
0.61 BSC
0.0240 BSC
SE(5)(8)
0.175 BSC
0.0069 BSC
aaa(9)
9. Tolerance of form and position drawing
0.02
0.0008
bbb(9)
0.06
0.0024
ccc(9)
0.03
0.0012
ddd(9)
0.015
0.0006
eee(9)
0.05
0.0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com